Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7B30 Datasheet (PDF) - Analog Devices

7B30 Datasheet PDF - Analog Devices
Part # 7B30
Download  7B30 Download
File Size   533.95 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Voltage or Current Input

7B30 Datasheet (PDF)

Go To PDF Page Download Datasheet
7B30 Datasheet PDF - Analog Devices

Part # 7B30
Download  7B30 Click to download

File Size   533.95 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Voltage or Current Input

7B30 Datasheet (HTML) - Analog Devices


7B30 Product details

PRODUCT OVERVIEW
The 7B Series of signal conditioners feature small size, low cost and a wide output voltage range for a variety of applications including process control and factory-floor environments. The single-channel 7B modules accept inputs from a range of transducers and are fully rated over the extended -40oC to +85oC industrial temperature range. All 7B Series modules are rated for a nominal power supply input of +24 VDC; and, for maximum flexibility, they will accept supply voltages in the +14 VDC to +35 VDC range. The input modules, with the exception of the 7B21, provide a high-level output voltage that is factory configured for either the +1 V to +5 V or 0 V to +10 V range.

FEATURES
    Interfaces, amplifies and filters unipolar and bipolar millivolt and voltage inputs.
    Provides a protected precision output of either +1 V to +5 V or 0 V to +10 V.
    A plug-in 250W current sensing resistor is provided to measure a process current input.
    All 7B30 series modules are mix-and-match and Hot Swappable.

APPLICATIONS
    Industrial signal conditioning
    Industrial signal isolation
    Industrial signal filtering




Similar Part No. - 7B30

ManufacturerPart #DatasheetDescription
logo
Analog Devices
7B30 AD-7B30_15 Datasheet
534Kb / 8P
Isolated, Voltage or Current Input
REV. 0
More results


Similar Description - 7B30

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B32 AD-3B32 Datasheet
352Kb / 8P
Isolated, Process Current Input
7B33 AD-7B33 Datasheet
529Kb / 8P
ISOLATED, VOLTAGE OR CURRENT INPUT
5B42 AD-5B42 Datasheet
693Kb / 8P
ISOLATED, PROCESS CURRENT INPUT
7B40 AD-7B40 Datasheet
556Kb / 8P
Isolated Voltage or Current Input
7B41 AD-7B41 Datasheet
554Kb / 8P
Isolated, Voltage or Current Input
5B42 AD-5B42_15 Datasheet
693Kb / 8P
Isolated, Process Current Input
REV. 0
7B30 AD-7B30_15 Datasheet
534Kb / 8P
Isolated, Voltage or Current Input
REV. 0
7B33 AD-7B33_15 Datasheet
535Kb / 8P
Isolated, Voltage or Current Input
REV. 0
7B40 AD-7B40_15 Datasheet
556Kb / 8P
Isolated Voltage or Current Input
REV. 0
7B41 AD-7B41_15 Datasheet
555Kb / 8P
Isolated, Voltage or Current Input
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com