Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-202B Datasheet (PDF) - CUI Devices

PJ-202B Datasheet PDF - CUI Devices
Part # PJ-202B
Download  PJ-202B Download
File Size   340.73 Kbytes
Page   3 Pages
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices
Description DC POWER JACK

PJ-202B Datasheet (PDF)

Go To PDF Page Download Datasheet
PJ-202B Datasheet PDF - CUI Devices

Part # PJ-202B
Download  PJ-202B Click to download

File Size   340.73 Kbytes
Page   3 Pages
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices
Description DC POWER JACK

PJ-202B Datasheet (HTML) - CUI Devices


PJ-202B Product details

FEATURES
• 2.5 mm center pin
• 2.5 A rating
• right-angle orientation
• through hole
• kinked pins




Similar Part No. - PJ-202B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ-202B ETC1-PJ-202B Datasheet
30Kb / 1P
PJ-202B
logo
CUI INC
PJ-202B CUI-PJ-202B Datasheet
335Kb / 3P
DC POWER JACK
PJ-202BH CUI-PJ-202BH Datasheet
237Kb / 1P
VOLTAGE WITHSTAND: 500V AC R.N.S. FOR 1 MINUTE
PJ-202BH CUI-PJ-202BH Datasheet
237Kb / 1P
DC POWER JACK
logo
CUI Devices
PJ-202BH CUID-PJ-202BH Datasheet
363Kb / 3P
DC POWER JACK
10/30/2019
More results


Similar Description - PJ-202B

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-014CH-SMT CUI-PJ-014CH-SMT Datasheet
128Kb / 3P
DC POWER JACK
PJ-028-SMT CUI-PJ-028-SMT Datasheet
155Kb / 3P
DC POWER JACK
PJ-034-SMT CUI-PJ-034-SMT Datasheet
153Kb / 3P
DC POWER JACK
PJ-036AH-SMT CUI-PJ-036AH-SMT Datasheet
149Kb / 3P
DC POWER JACK
PJ-038-SMT CUI-PJ-038-SMT Datasheet
154Kb / 3P
DC POWER JACK
PJ-034A CUI-PJ-034A Datasheet
229Kb / 1P
DC POWER JACK
PJ-018 CUI-PJ-018 Datasheet
238Kb / 1P
DC POWER JACK
PJ-032BH CUI-PJ-032BH Datasheet
154Kb / 3P
DC POWER JACK
PJ-048H CUI-PJ-048H Datasheet
182Kb / 3P
DC POWER JACK
PJ-051AH CUI-PJ-051AH Datasheet
24Kb / 1P
DC POWER JACK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com