Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8220 Datasheet (PDF) - Analog Devices

AD8220 Datasheet PDF - Analog Devices
Part # AD8220
Download  AD8220 Download
File Size   1079.75 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package

AD8220 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8220 Datasheet PDF - Analog Devices

Part # AD8220
Download  AD8220 Click to download

File Size   1079.75 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package

AD8220 Datasheet (HTML) - Analog Devices


AD8220 Product details

GENERAL DESCRIPTION

The AD8220 is the first single-supply JFET input instrumentation amplifier available in an MSOP package. Designed to meet the needs of high performance, portable instrumentation, the AD8220 has a minimum common-mode rejection ratio (CMRR) of 86 dB at dc and a minimum CMRR of 80 dB at 5 kHz for G = 1. Maximum input bias current is 10 pA and typically remains below 300 pA over the entire industrial temperature range. Despite the JFET inputs, the AD8220 typically has a noise corner of only 10 Hz.



FEATURES

Low input currents

   10 pA maximum input bias current (B grade)

   0.6 pA maximum input offset current (B grade)

High CMRR

   100 dB CMRR (minimum), G = 10 (B grade)

   80 dB CMRR (minimum) to 5 kHz, G = 1 (B grade)

Excellent ac specifications and low power

   1.5 MHz bandwidth (G = 1)

   14 nV/√Hz input noise (1 kHz)

   Slew rate 2 V/μs

   750 μA quiescent supply current (maximum) Versatile

   MSOP package

   Rail-to-rail output

   Input voltage range to below negative supply rail

   4 kV ESD protection

   4.5 V to 36 V single supply

   ±2.25 V to ±18 V dual supply

   Gain set with single resistor (G = 1 to 1000)



APPLICATIONS

  Medical instrumentation

  Precision data acquisition

  Transducer interface



 




Similar Part No. - AD8220

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8220 AD-AD8220 Datasheet
595Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
7/06-Revision 0
AD8220 AD-AD8220 Datasheet
530Kb / 28P
JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8220 AD-AD8220 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8220 AD-AD8220 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD8220 AD-AD8220 Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
More results


Similar Description - AD8220

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8224 AD-AD8224 Datasheet
1Mb / 27P
Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
AD8224 AD-AD8224_07 Datasheet
864Kb / 28P
Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8220ARMZ AD-AD8220ARMZ Datasheet
530Kb / 28P
JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8224ACPZ-R7 AD-AD8224ACPZ-R7 Datasheet
838Kb / 28P
Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. B
AD8224 AD-AD8224_15 Datasheet
720Kb / 28P
Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. C
logo
Linear Technology
LTC6800 LINER-LTC6800_15 Datasheet
1Mb / 14P
Rail-to-Rail, Input and Output, Instrumentation Amplifier
logo
Analog Devices
AD8220 AD-AD8220_16 Datasheet
610Kb / 29P
JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8224 AD-AD8224_16 Datasheet
763Kb / 29P
Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
Rev. D
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com