Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBL02X2 Datasheet (PDF) - Renesas Technology Corp

9DBL02X2 Datasheet PDF - Renesas Technology Corp
Part # 9DBL02X2
Download  9DBL02X2 Download
File Size   1373.54 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers

9DBL02X2 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBL02X2 Datasheet PDF - Renesas Technology Corp

Part # 9DBL02X2
Download  9DBL02X2 Click to download

File Size   1373.54 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers

9DBL02X2 Datasheet (HTML) - Renesas Technology Corp


9DBL02X2 Product details

Features
▪ 2 to 8 Low-Power HCSL (LP-HCSL) outputs eliminate 4
resistors per output pair
▪ 9DBLxx4x devices provide integrated 100Ω terminations
▪ 9DBLxx5x devices provide integrated 85Ω terminations
▪ See AN-891 for easy coupling to other logic families
▪ Spread-spectrum compatible
▪ Dedicated OE# pin for each output
▪ 1MHz to 200MHz operation in fan-out mode
▪ 3 selectable SMBus addresses
▪ Extensive SMBus-selectable features allow optimization to
customer requirements
▪ SMBus interface not required for device operation
▪ -40°C to +85°C operating temperature range
▪ Space-saving 4 × 4 mm 24-VFQFPN to 6 × 6 mm 48-VFQFPN
packages (see Ordering Information table for details)




Similar Part No. - 9DBL02X2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DBL02X2 RENESAS-9DBL02X2 Datasheet
1Mb / 33P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers
Nov 5, 2025
9DBL02X2 RENESAS-9DBL02X2_V01 Datasheet
1Mb / 33P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers
Nov 5, 2025
More results


Similar Description - 9DBL02X2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL02 IDT-9DBL02 Datasheet
300Kb / 19P
2-output 3.3V PCIe Zero-Delay Buffer
9DBL04 IDT-9DBL04 Datasheet
305Kb / 19P
4-output 3.3V PCIe Zero-delay Buffer
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
6-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
8-output 3.3V PCIe Zero-Delay Buffer
9DBV0231 IDT-9DBV0231_16 Datasheet
269Kb / 17P
2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
2-output 3.3V PCIe Zero-Delay Buffer
9DBL0442 IDT-9DBL0442 Datasheet
305Kb / 19P
4-Output 3.3V PCIe Zero-delay Buffer
9DBL0641 IDT-9DBL0641 Datasheet
307Kb / 19P
6-output 3.3V PCIe Zero-Delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
8-output 3.3V PCIe Zero-Delay Buffer
logo
Renesas Technology Corp
9DBL02X3 RENESAS-9DBL02X3 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
December 9, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com