Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG3020ER Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG3020ER Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG3020ER
Download  PMEG3020ER Download
File Size   1354.48 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, 2 A low VF Schottky barrier rectifier

PMEG3020ER Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG3020ER Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG3020ER
Download  PMEG3020ER Click to download

File Size   1354.48 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, 2 A low VF Schottky barrier rectifier

PMEG3020ER Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG3020ER Product details

1. General description
Planar Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in
a SOD123W small and flat lead Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Average forward current: IF(AV) ≤ 2 A
• Reverse voltage: VR ≤ 30 V
• Low forward voltage
• High power capability due to clip-bond technology
• Small and flat lead SMD plastic package
• Suitable for both reflow and wave soldering

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch Mode Power Supply (SMPS)
• Reverse polarity protection
• Low power consumption applications




Similar Part No. - PMEG3020ER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3020ER NXP-PMEG3020ER Datasheet
98Kb / 13P
2 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
logo
AiT Semiconductor Inc.
PMEG3020ER AITSEMI-PMEG3020ER Datasheet
422Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 30V FORWARD CURRENT 2.0A
REV1.0
logo
Nexperia B.V. All right...
PMEG3020ER-Q NEXPERIA-PMEG3020ER-Q Datasheet
259Kb / 13P
30 V, 2 A low VF MEGA Schottky barrier rectifier
1 November 2021
PMEG3020ER-QX NEXPERIA-PMEG3020ER-QX Datasheet
259Kb / 13P
30 V, 2 A low VF MEGA Schottky barrier rectifier
1 November 2021
logo
NXP Semiconductors
PMEG3020ER PHILIPS-PMEG3020ER_15 Datasheet
98Kb / 13P
2 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
More results


Similar Description - PMEG3020ER

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3020BEP-Q NEXPERIA-PMEG3020BEP-Q Datasheet
254Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG3020BER-Q NEXPERIA-PMEG3020BER-Q Datasheet
261Kb / 13P
30 V, 2 A low VF Schottky barrier rectifier
16 November 2022
PMEG3020DEP-Q NEXPERIA-PMEG3020DEP-Q Datasheet
253Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG3020EGW-Q NEXPERIA-PMEG3020EGW-Q Datasheet
219Kb / 10P
30 V, 2 A low VF Schottky barrier rectifier
13 October 2022
PMEG3020EH-Q NEXPERIA-PMEG3020EH-Q Datasheet
185Kb / 9P
30 V, 2 A ultra low VF Schottky barrier rectifier
11 July 2022
PMEG3020BEP NEXPERIA-PMEG3020BEP Datasheet
257Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG3020BER NEXPERIA-PMEG3020BER Datasheet
284Kb / 13P
30 V, 2 A low VF Schottky barrier rectifier
1 January 2023
PMEG3020CEP NEXPERIA-PMEG3020CEP Datasheet
1Mb / 12P
30 V, 2 A low VF Schottky barrier rectifier
1 January 2023
PMEG3020DEP NEXPERIA-PMEG3020DEP Datasheet
253Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG3020EP NEXPERIA-PMEG3020EP Datasheet
317Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
1 January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com