Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG3030BEP Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG3030BEP Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG3030BEP
Download  PMEG3030BEP Download
File Size   252.81 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, 3 A low VF Schottky barrier rectifier

PMEG3030BEP Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG3030BEP Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG3030BEP
Download  PMEG3030BEP Click to download

File Size   252.81 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, 3 A low VF Schottky barrier rectifier

PMEG3030BEP Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG3030BEP Product details

1. General description
Planar Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in
a SOD128 small and flat lead Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Average forward current: IF(AV) ≤ 3 A
• Reverse voltage: VR ≤ 30 V
• Low forward voltage
• High power capability due to clip-bond technology
• Small and flat lead SMD plastic package
• Suitable for both reflow and wave soldering

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch Mode Power Supply (SMPS)
• Reverse polarity protection
• Low power consumption applications




Similar Part No. - PMEG3030BEP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3030BEP PHILIPS-PMEG3030BEP Datasheet
100Kb / 13P
3 A low VF MEGA Schottky barrier rectifier
Rev. 01-27 October 2009
logo
Nexperia B.V. All right...
PMEG3030BEP-Q NEXPERIA-PMEG3030BEP-Q Datasheet
252Kb / 12P
30 V, 3 A low VF Schottky barrier rectifier
20 February 2023
More results


Similar Description - PMEG3030BEP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG030V030EPD NEXPERIA-PMEG030V030EPD Datasheet
703Kb / 13P
30 V, 3 A low VF MEGA Schottky barrier rectifier
PMEG3010BEP-Q NEXPERIA-PMEG3010BEP-Q Datasheet
254Kb / 12P
30 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG3020DEP-Q NEXPERIA-PMEG3020DEP-Q Datasheet
253Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG3030BEP-Q NEXPERIA-PMEG3030BEP-Q Datasheet
252Kb / 12P
30 V, 3 A low VF Schottky barrier rectifier
20 February 2023
PMEG030V030EPE-Q NEXPERIA-PMEG030V030EPE-Q Datasheet
261Kb / 11P
30 V, 3 A low VF Schottky barrier rectifier
15 July 2022
PMEG030V050EPE-Q NEXPERIA-PMEG030V050EPE-Q Datasheet
262Kb / 11P
30 V, 5 A low VF Schottky barrier rectifier
15 July 2022
PMEG030V030EPE NEXPERIA-PMEG030V030EPE Datasheet
261Kb / 11P
30 V, 3 A low VF Schottky barrier rectifier
29 August 2022
PMEG3020BEP NEXPERIA-PMEG3020BEP Datasheet
257Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
20 February 2023
PMEG3020EP NEXPERIA-PMEG3020EP Datasheet
317Kb / 12P
30 V, 2 A low VF Schottky barrier rectifier
1 January 2023
PMEG3030EP NEXPERIA-PMEG3030EP Datasheet
275Kb / 13P
30 V, 3 A low VF Schottky barrier rectifier
1 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com