Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FG830AFLF Datasheet (PDF) - Renesas Technology Corp

9FG830AFLF Datasheet PDF - Renesas Technology Corp
Part # 9FG830AFLF
Download  9FG830AFLF Download
File Size   341.34 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Eight Output Differential Frequency Generator for PCIe Gen3 and QPI

9FG830AFLF Datasheet (PDF)

Go To PDF Page Download Datasheet
9FG830AFLF Datasheet PDF - Renesas Technology Corp

Part # 9FG830AFLF
Download  9FG830AFLF Click to download

File Size   341.34 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Eight Output Differential Frequency Generator for PCIe Gen3 and QPI

9FG830AFLF Datasheet (HTML) - Renesas Technology Corp


9FG830AFLF Product details

Features/Benefits:
• Pin-to-Pin with 9FG108D; Easy upgrade to PCIe Gen3
• Generates common frequencies from 14.318 MHz or 25
MHz; single part supports mulitple applications
• Provides copy of reference output; eleminates need for
additional crystal or oscillator
• Three spread spectrum modes: -0.5%, +/-0.25%, and off;
EMI reduction
• Unused outputs may be disabled in Hi-Z; save system power
• Device may be configured by SMBus and/or strap pins;
can be used in systems without SMBus
Key Specifications:
• Cycle-to-cycle jitter: < 50ps with 25MHz input
• Output-to-output skew: <50ps
• Phase jitter: PCIe Gen3 < 1ps rms
• Phase jitter: QPI 9.6GB/s < 0.2ps rms
• 10 ppm synthesis error with 25MHz input and Spread Off




Similar Part No. - 9FG830AFLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FG830AFLF IDT-9FG830AFLF Datasheet
225Kb / 19P
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG830AFLF IDT-9FG830AFLF Datasheet
202Kb / 19P
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG830AFLFT IDT-9FG830AFLFT Datasheet
225Kb / 19P
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG830AFLFT IDT-9FG830AFLFT Datasheet
202Kb / 19P
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
More results


Similar Description - 9FG830AFLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FG430 IDT-9FG430 Datasheet
211Kb / 18P
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG830 IDT-9FG830 Datasheet
225Kb / 19P
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
logo
Silicon Laboratories
SI53019-A02A SILABS-SI53019-A02A Datasheet
1Mb / 37P
19-OUTPUT PCIE GEN3 AND QPI BUFFER
logo
Integrated Device Techn...
9FG430 IDT-9FG430_17 Datasheet
195Kb / 18P
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
9FG830 IDT-9FG830_17 Datasheet
202Kb / 19P
Eight Output Differential Frequency Generator for PCIe Gen3 and QPI
logo
Renesas Technology Corp
9FG430 RENESAS-9FG430 Datasheet
333Kb / 19P
Four Output Differential Frequency Generator for PCIe Gen3 and QPI
04/04/17
9ZX21200 RENESAS-9ZX21200 Datasheet
9Mb / 18P
12-OUTPUT DIFFERENTIAL Z-BUFFER FOR PCIE GEN3 AND QPI
REV D 041513
9ZXL1230 RENESAS-9ZXL1230 Datasheet
422Kb / 19P
12-OUTPUT LOW POWER DIFFERENTIAL BUFFER FOR PCIE GEN3 AND QPI
REV C 112015
ICS9DB823B RENESAS-ICS9DB823B Datasheet
482Kb / 23P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
2019
logo
Skyworks Solutions Inc.
SI53019-A02A SKYWORKS-SI53019-A02A Datasheet
1Mb / 37P
19-OUTPUT PCIE GEN3 AND QPI BUFFER
Rev. 1.3
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com