Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNS-10W01 Datasheet (PDF) - BCM Advanced Research.

VNS-10W01 Datasheet PDF - BCM Advanced Research.
Part # VNS-10W01
Download  VNS-10W01 Download
File Size   477.23 Kbytes
Page   2 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description 10.1” Ultra Slim Panel PC with Intel® Atom™ x5-Z8350 Processor Onboard

VNS-10W01 Datasheet (PDF)

Go To PDF Page Download Datasheet
VNS-10W01 Datasheet PDF - BCM Advanced Research.

Part # VNS-10W01
Download  VNS-10W01 Click to download

File Size   477.23 Kbytes
Page   2 Pages
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.
Description 10.1” Ultra Slim Panel PC with Intel® Atom™ x5-Z8350 Processor Onboard

VNS-10W01 Datasheet (HTML) - BCM Advanced Research.


VNS-10W01 Product details

Features
• Intel® Atom™ x5-Z8350 Processor: 2M Cache, up to 1.92 GHz • 2GB / 4GB RAM, 32GB / 64G eMMC • PCAP Touch • 10/100/1000 Ethernet (PXE Boot) • Touch button (Power/ Brightness/ Volume/ LED) • RS232 or RS422 or RS485 • DC 12~24V Input or Powered LAN 802.3AT • NFC Reader, A-MIC • 2.0MP Camera • Speak 4Ω 2.0W/2.5W(MAX) • LED Indicating Light Bar (Light color: Green and Red,
Illuminating area: 70*8mm (front), 70*5mm (side)) • 75 x 75mm VESA Mount • Antibacterial Plastic




Similar Part No. - VNS-10W01

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
VNS-15W01 BCM-VNS-15W01 Datasheet
305Kb / 2P
15.6 inch Panel PC with Intel® Atom™ x5-Z8350 Processor Onboard
2021/02/19
More results


Similar Description - VNS-10W01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PFM-945C AAEON-PFM-945C Datasheet
269Kb / 2P
PC/104 Module With Onboard Intel Atom N270 Processor
logo
Advantech Co., Ltd.
PPC-3100 ADVANTECH-PPC-3100 Datasheet
381Kb / 2P
10.4 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3120 ADVANTECH-PPC-3120 Datasheet
390Kb / 2P
12.1 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3190 ADVANTECH-PPC-3190 Datasheet
393Kb / 2P
19 Fanless Panel PC with Intel® Atom™ Quad-Core Processor
28-Jul-2022
logo
BCM Advanced Research.
OFT-10W02 BCM-OFT-10W02 Datasheet
804Kb / 2P
10.1” Intel® Atom™ x5-Z8350 Quad Core Open Frame Tablet
11/03/2022
VNS-15W01 BCM-VNS-15W01 Datasheet
305Kb / 2P
15.6 inch Panel PC with Intel® Atom™ x5-Z8350 Processor Onboard
2021/02/19
logo
AAEON Technology
UPBOARD AAEON-UPBOARD Datasheet
582Kb / 2P
UP Developer Board with Intel® Atom™ x5-Z8350 Processor SoC
2022/10/26
UPC-CHT01-A20-0116-A11 AAEON-UPC-CHT01-A20-0116-A11 Datasheet
570Kb / 2P
UP Core Developer Board with Intel® Atom™ x5-Z8350 Processor SoC
logo
Advantech Co., Ltd.
AIM-68 ADVANTECH-AIM-68 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
15-May-2018
AIM-68 ADVANTECH-AIM-68_V01 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
16-May-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com