Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CECCNC Datasheet (PDF) - Exxelia Group

CECCNC Datasheet PDF - Exxelia Group
Part # CECCNC
Download  CECCNC Download
File Size   664.08 Kbytes
Page   18 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description Low and Medium Voltage Chips Capacitors

CECCNC Datasheet (PDF)

Go To PDF Page Download Datasheet
CECCNC Datasheet PDF - Exxelia Group

Part # CECCNC
Download  CECCNC Click to download

File Size   664.08 Kbytes
Page   18 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description Low and Medium Voltage Chips Capacitors

CECCNC Datasheet (HTML) - Exxelia Group


CECCNC Product details

FEATURES
• Case sizes: 0402 - 3040
• NPO, BX, 2C1, X7R dielectrics
• Capacitance range: 1pF to 12μF
• Ag/Pd/Pt, Ni barrier, epoxy terminations available
• RoHS and Non RoHS compliant capacitors available
• Screening in accordance with ESA specifi cations available




Similar Part No. - CECCNC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
CECC-22-220 MOLEX-CECC-22-220 Datasheet
211Kb / 4P
MCX JACK EDGELAUNCH SMT PCB MCX-J/PCB
2021/05/07
CECC-22-220 MOLEX-CECC-22-220 Datasheet
109Kb / 1P
MCX JACK STR, RG316 BULKHEAD MOUNT 50 OHM MCX-JC
2004/12/13
CECC-22-220 MOLEX-CECC-22-220 Datasheet
88Kb / 1P
CA SMA JACK STR BKHD TO MCX PLUG R/A WITH RG316 CA-SMAJ/MCXP. EWR-3874
2009/01/08
CECC-22-340 MOLEX-CECC-22-340 Datasheet
230Kb / 2P
CA SMA J STR BKHD TO MMCX P R/A W/RG316 CA-SMAJ/MMCXP, EWR-3874
2022/01/05
CECC-22-340 MOLEX-CECC-22-340 Datasheet
230Kb / 2P
CA SMA J STR BKHD TO MMCX P R/A W/RG316 CA-SMAJ/MMCXP, EWR-3874
2022/01/05
More results


Similar Description - CECCNC

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AFM04P3-212 ALPHA-AFM04P3-212 Datasheet
25Kb / 3P
Low Noise/Medium Power GaAs MESFET Chips
AFM04P3-213 ALPHA-AFM04P3-213 Datasheet
37Kb / 3P
Low Noise/Medium Power GaAs MESFET Chips
logo
American Microsemicondu...
1N100 AMMSEMI-1N100 Datasheet
442Kb / 1P
MEDIUM AND LOW VOLTAGE GERMANIUM DIODES
1N128 AMMSEMI-1N128 Datasheet
442Kb / 1P
MEDIUM AND LOW VOLTAGE GERMANIUM DIODES
1N198 AMMSEMI-1N198 Datasheet
442Kb / 1P
MEDIUM AND LOW VOLTAGE GERMANIUM DIODES
1N771A AMMSEMI-1N771A Datasheet
442Kb / 1P
MEDIUM AND LOW VOLTAGE GERMANIUM DIODES
1N771B AMMSEMI-1N771B Datasheet
442Kb / 1P
MEDIUM AND LOW VOLTAGE GERMANIUM DIODES
logo
Exxelia Group
CERCNR EXXELIA-CERCNR Datasheet
611Kb / 16P
Low Inductance Chips Capacitors
02/21
CNCSERIES EXXELIA-CNCSERIES Datasheet
664Kb / 18P
Low and Medium Voltage Chips Capacitors
02/21
CSERIES EXXELIA-CSERIES Datasheet
848Kb / 18P
High Voltage Chips Capacitors
02/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com