Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LP2985 Datasheet PDF - Texas Instruments
Part # LP2985
Download  LP2985 Download
File Size   10364.92 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown

LP2985 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2985 Datasheet PDF - Texas Instruments

Part # LP2985
Download  LP2985 Click to download

File Size   10364.92 Kbytes
Page   41 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown

LP2985 Datasheet (HTML) - Texas Instruments


LP2985 Product details

1 Features
• VIN range (new chip): 2.5 V to 16 V
• VOUT range (new chip): 1.2 V to 5.0 V (fixed, 100-
mV steps)
• VOUT accuracy:
– ±1% for A-grade legacy chip
– ±1.5% for standard-grade legacy chip
– ±0.5% for new chip only
• ±1% output accuracy over load, and temperature
for new chip
• Output current: Up to 150 mA
• Low IQ (new chip): 71 μA at ILOAD = 0 mA
• Low IQ (new chip): 750 μA at ILOAD = 150 mA
• Shutdown current:
– 0.01 μA (typ) for legacy chip
– 1.12 μA (typ) for new chip
• Low noise: 30 μVRMS with 10-nF bypass capacitor
• Output current limiting and thermal protection
• Stable with 2.2-μF ceramic capacitors
• High PSRR: 70 dB at 1 kHz, 40 dB at 1 MHz
• Operating junction temperature: –40°C to +125°C
• Package: 5-pin SOT-23 (DBV)

2 Applications
• Washer and dryer
• Land mobile radio
• Active antenna system mMIMO
• Cordless power tool
• Motor drives and control boards

3 Description
The LP2985 is a fixed-output, wide-input, low-noise,
low-dropout voltage regulator supporting an input
voltage range from 2.5 V to 16 V and up to 150 mA of
load current. The LP2985 supports an output range of
1.2 V to 5.0 V (for new chip).
Additionally, the LP2985 (new chip) has a 1% output
accuracy across load, and temperature that can meet
the needs of low-voltage microcontrollers (MCUs) and
processors.
Low output noise of 30 μVRMS (with 10-nF bypass
capacitors) and wide bandwidth PSRR performance
of greater than 70 dB at 1 kHz and 40 dB at 1 MHz
help attenuate the switching frequency of an upstream
DC/DC converter and minimize post regulator filtering.
The internal soft-start time and current limit protection
reduce inrush current during start up, thus minimizing
input capacitance. Standard protection features, such
as overcurrent and overtemperature protection, are
included.
The LP2985 is available in a 5-pin 2.9-mm × 1.6-mm
SOT-23 (DBV) package.




Similar Part No. - LP2985

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985 TI-LP2985 Datasheet
781Kb / 24P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
473Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
635Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
650Kb / 27P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results


Similar Description - LP2985

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985 Datasheet
781Kb / 24P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V01 Datasheet
9Mb / 41P
LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com