Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8S73034AMILF Datasheet (PDF) - Renesas Technology Corp

8S73034AMILF Datasheet PDF - Renesas Technology Corp
Part # 8S73034AMILF
Download  8S73034AMILF Download
File Size   1080.92 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider

8S73034AMILF Datasheet (PDF)

Go To PDF Page Download Datasheet
8S73034AMILF Datasheet PDF - Renesas Technology Corp

Part # 8S73034AMILF
Download  8S73034AMILF Click to download

File Size   1080.92 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider

8S73034AMILF Datasheet (HTML) - Renesas Technology Corp


8S73034AMILF Product details

Features
• ÷2, ÷4 and ÷8 clock frequency divider
• Three differential LVPECL output pairs
• One differential PCLK, nPCLK input pair
• PCLK, nPCLK pair can accept the following differential input
levels: LVPECL, LVDS, CML
• VBB bias voltage generator supports single-ended LVPECL clock
input signals
• LVCMOS control inputs
• Maximum input frequency: 3.2GHz
• Translates any single-ended input signal to 3.3V LVPECL levels
with bias resistors on nPCLK input
• LVPECL mode operating voltage supply range:
VCC = 2.375V to 3.8V, VEE = 0V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package





Similar Description - 8S73034AMILF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100310 FAIRCHILD-100310 Datasheet
63Kb / 6P
Low Skew 2:8 Differential Clock Driver
logo
ON Semiconductor
NB6L239 ONSEMI-NB6L239 Datasheet
94Kb / 12P
2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6L239 ONSEMI-NB6L239_06 Datasheet
104Kb / 13P
2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
December, 2006 ??Rev. 5
logo
Integrated Device Techn...
8737-11 IDT-8737-11 Datasheet
228Kb / 17P
Low Skew Differential-to-3.3V LVPECL Clock Generator
8737I-11 IDT-8737I-11 Datasheet
242Kb / 15P
Low Skew Differential-to- 3.3V LVPECL Clock Generator
87339I-11 IDT-87339I-11 Datasheet
196Kb / 15P
Low Skew, Differential-to-3.3V LVPECL Clock Generator
ICS879S216I-02 IDT-ICS879S216I-02 Datasheet
873Kb / 22P
2:2, Differential-to-LVPECL/LVDS Divider
logo
Renesas Technology Corp
8737-11 RENESAS-8737-11 Datasheet
425Kb / 18P
Low Skew, ÷1/÷2 Differential-to-3.3V LVPECL Clock Generator
2/13/15
8737I-11 RENESAS-8737I-11 Datasheet
550Kb / 16P
Low Skew ÷1/÷2 Differential-to- 3.3V LVPECL Clock Generator
7/16/15
87339I-11 RENESAS-87339I-11 Datasheet
386Kb / 16P
Low Skew, ÷2/4,÷4/5/6, Differential-to-3.3V LVPECL Clock Generator
January 25, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com