Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB403D Datasheet (PDF) - Renesas Technology Corp

ICS9DB403D Datasheet PDF - Renesas Technology Corp
Part # ICS9DB403D
Download  ICS9DB403D Download
File Size   349.44 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Four Output Differential Buffer for PCIe Gen 1 and Gen 2

ICS9DB403D Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9DB403D Datasheet PDF - Renesas Technology Corp

Part # ICS9DB403D
Download  ICS9DB403D Click to download

File Size   349.44 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Four Output Differential Buffer for PCIe Gen 1 and Gen 2

ICS9DB403D Datasheet (HTML) - Renesas Technology Corp


ICS9DB403D Product details

Description
Output Features
The ICS9DB403 is compatible with the Intel DB400v2 Differential
Buffer Specification. This buffer provides 4 PCI-Express Gen2 clocks.
The ICS9DB403 is driven by a differential output pair from a
CK410B+, CK505 or CK509B main clock generator.
• 4 - 0.7V current-mode differential output pairs
• Supports zero delay buffer mode and fanout mode
• Bandwidth programming available
• 50-100 MHz operation in PLL mode
• 50-400 MHz operation in Bypass mode

Key Specifications
• Outputs cycle-cycle jitter < 50ps
• Outputs skew: 50ps
• Phase jitter: PCIe Gen1 < 86ps peak to peak
• Phase jitter: PCIe Gen2 < 3.0/3.1ps rms
• 28-pin SSOP/TSSOP pacakge
• Available in RoHS compliant packaging
• Supports Commercial (0 to +70°C) and Industrial (-40 to
+85°C) temperature ranges
Features/Benefits
• Spread spectrum modulation tolerant, 0 to -0.5% down
spread and +/- 0.25% center spread.
• Supports undriven differential outputs in PD# and
SRC_STOP# modes for power management.




Similar Part No. - ICS9DB403D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9DB403D IDT-ICS9DB403D Datasheet
278Kb / 19P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
logo
Renesas Technology Corp
ICS9DB403D RENESAS-ICS9DB403D Datasheet
315Kb / 20P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
REV R 11/1/12
ICS9DB403D RENESAS-ICS9DB403D_V01 Datasheet
315Kb / 20P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
REV R 11/1/12
More results


Similar Description - ICS9DB403D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9DBL411 IDT-ICS9DBL411 Datasheet
82Kb / 9P
Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Integrated Device Techn...
9DB106 IDT-9DB106 Datasheet
193Kb / 14P
Six Output Differential Buffer for PCIe Gen 2
9DB423B IDT-9DB423B Datasheet
286Kb / 19P
Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
ICS9DB403D IDT-ICS9DB403D Datasheet
278Kb / 19P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
ICS9DB803DI IDT-ICS9DB803DI Datasheet
254Kb / 21P
Eight Output Differential Buffer for PCIe Gen 2
ICS9DS400 IDT-ICS9DS400 Datasheet
316Kb / 19P
Four Output Differential Buffer for PCIe Gen 2 with Spread
logo
Renesas Technology Corp
9DB106 RENESAS-9DB106 Datasheet
337Kb / 15P
Six Output Differential Buffer for PCIe Gen 2
05/24/12
9DS400 RENESAS-9DS400 Datasheet
462Kb / 20P
Four Output Differential Buffer for PCIe Gen 2 with Spread
09/17/09
ICS9DBL411A RENESAS-ICS9DBL411A Datasheet
228Kb / 10P
Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com