Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9EPRS525 Datasheet (PDF) - Renesas Technology Corp

ICS9EPRS525 Datasheet PDF - Renesas Technology Corp
Part # ICS9EPRS525
Download  ICS9EPRS525 Download
File Size   351.92 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 56-pin CK505 for Embedded Intel Systems

ICS9EPRS525 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9EPRS525 Datasheet PDF - Renesas Technology Corp

Part # ICS9EPRS525
Download  ICS9EPRS525 Click to download

File Size   351.92 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 56-pin CK505 for Embedded Intel Systems

ICS9EPRS525 Datasheet (HTML) - Renesas Technology Corp


ICS9EPRS525 Product details

Recommended Application:
56-pin CK505 compatible clock, w/fully integrated Vreg and series
resistors on differential outputs for embedded applications
Output Features:
• 2 - CPU differential low power push-pull pairs
• 7 - SRC differential push-pull pairs
• 1 - CPU/SRC selectable differential low power push-pull pair
• 1 - SRC/DOT selectable differential low power push-pull pair
• 1 - SRC/SE selectable differential push-pull pair/Single-ended
outputs
• 5 - PCI, 33MHz
• 1 - USB, 48MHz
• 1 - REF, 14.318MHz
Key Specifications:
• CPU outputs cycle-cycle jitter < 85ps
• SRC output cycle-cycle jitter < 125ps
• PCI outputs cycle-cycle jitter < 250ps
• +/- 100ppm frequency accuracy on all outputs
• SRC outputs meet PCIe Gen2 when sourced from PLL3
Features/Benefits:
• Supports spread spectrum modulation, 0 to -0.5% down
spread
• Supports CPU clks up to 400MHz
• Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning




Similar Part No. - ICS9EPRS525

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9EPRS525 IDT-ICS9EPRS525 Datasheet
215Kb / 20P
56-pin CK505 for Embedded Intel Systems
More results


Similar Description - ICS9EPRS525

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525 Datasheet
239Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_10 Datasheet
237Kb / 21P
56-pin CK505 for Intel Systems
logo
Integrated Circuit Solu...
ICS9LPRS545 ICSI-ICS9LPRS545 Datasheet
221Kb / 17P
48-pin CK505 for Intel Systems
logo
Integrated Device Techn...
ICS9LP525-2 IDT-ICS9LP525-2 Datasheet
232Kb / 21P
56-pin CK505 for Intel Desktop Systems
ICS9LPRS525 IDT-ICS9LPRS525_11 Datasheet
206Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS525_1107 IDT-ICS9LPRS525_1107 Datasheet
206Kb / 21P
56-pin CK505 for Intel Systems
ICS9EPRS525 IDT-ICS9EPRS525 Datasheet
215Kb / 20P
56-pin CK505 for Embedded Intel Systems
logo
Renesas Technology Corp
ICS9LP525-2 RENESAS-ICS9LP525-2 Datasheet
369Kb / 22P
56-pin CK505 for Intel Desktop Systems
2019
ICS9LPRS525 RENESAS-ICS9LPRS525 Datasheet
328Kb / 21P
56-pin CK505 for Intel Systems
2019
ICS9LRS4103 RENESAS-ICS9LRS4103 Datasheet
193Kb / 15P
32-pin CK505 for Intel Systems
01/06/11
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com