Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9FG108E Datasheet (PDF) - Renesas Technology Corp

ICS9FG108E Datasheet PDF - Renesas Technology Corp
Part # ICS9FG108E
Download  ICS9FG108E Download
File Size   450.9 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA

ICS9FG108E Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9FG108E Datasheet PDF - Renesas Technology Corp

Part # ICS9FG108E
Download  ICS9FG108E Click to download

File Size   450.9 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA

ICS9FG108E Datasheet (HTML) - Renesas Technology Corp


ICS9FG108E Product details

Features/Benefits
• Generates common frequencies from 14.318MHz or
25MHz
• Crystal or reference input
• 8 - 0.7V current-mode HCSL output pairs
• Supports Serial-ATA at 100MHz
• Two spread spectrum modes: -0.5% down spread and
+/-0.25% center spread; Lower EMI
• 31.5KHz spread modulation rate; passes USB3
compliance testing
• Unused outputs may be disabled in either driven or Hi-Z
state for power manangement
• I-temp version available; supports embedded
applications
Key Specifications
• Cycle to cycle jitter: < 50ps
• Phase jitter: PCIe Gen1/2 <3ps rms
• Output to output skew <65ps
• +/-300 ppm frequency accuracy on output clocks
• +/-50ppm on all output frequencies with Spread Off




Similar Part No. - ICS9FG108E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9FG108E RENESAS-ICS9FG108E Datasheet
418Kb / 20P
FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
REV C 102912
ICS9FG108E RENESAS-ICS9FG108E_V01 Datasheet
418Kb / 20P
FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
REV C 102912
More results


Similar Description - ICS9FG108E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG104 IDT-ICS9FG104 Datasheet
246Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108 IDT-ICS9FG108 Datasheet
252Kb / 19P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Integrated Device Techn...
9FG1901H IDT-9FG1901H Datasheet
194Kb / 18P
Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108D IDT-ICS9FG108D Datasheet
172Kb / 18P
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Renesas Technology Corp
9FG104E RENESAS-9FG104E Datasheet
386Kb / 19P
FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
102912
9FG1901H RENESAS-9FG1901H Datasheet
340Kb / 19P
Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
02/02/10
ICS9FG1201H RENESAS-ICS9FG1201H Datasheet
391Kb / 24P
Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
09/23/09
ICS9FG1904B-1 RENESAS-ICS9FG1904B-1 Datasheet
415Kb / 23P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com