Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LPRS535 Datasheet (PDF) - Renesas Technology Corp

ICS9LPRS535 Datasheet PDF - Renesas Technology Corp
Part # ICS9LPRS535
Download  ICS9LPRS535 Download
File Size   430.18 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 48-pin CK505 for Intel Systems

ICS9LPRS535 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9LPRS535 Datasheet PDF - Renesas Technology Corp

Part # ICS9LPRS535
Download  ICS9LPRS535 Click to download

File Size   430.18 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 48-pin CK505 for Intel Systems

ICS9LPRS535 Datasheet (HTML) - Renesas Technology Corp


ICS9LPRS535 Product details

Recommended Application:
48-pin Low Cost CK505 w/fully integrated VREG and series
resistors on differential outputs
Output Features:
• Integrated Series Resistors on differential outputs
• 2 - CPU differential push-pull pairs
• 4 - SRC differential push-pull pairs
• 1 - CPU/SRC selectable differential push-pull pair
• 1 - SRC/DOT selectable differential push-pull pair
• 1- SRC/Stop_Inputs selectable differential push-pull pair
• 1 - 25MHz SE1 output for Wake-on-Lan applications
• 3 - PCI, 33MHz
• 1 - USB, 48MHz
• 1 - REF, 14.31818MHz
Key Specifications:
• CPU outputs cycle-cycle jitter < 85ps
• SRC output cycle-cycle jitter < 125ps
• PCI outputs cycle-cycle jitter < 250ps
• +/-100ppm frequency accuracy on all clocks




Similar Part No. - ICS9LPRS535

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS535 IDT-ICS9LPRS535 Datasheet
225Kb / 17P
48-pin CK505 for Intel Systems
ICS9LPRS535 IDT-ICS9LPRS535_10 Datasheet
222Kb / 17P
48-pin CK505 for Intel Systems
More results


Similar Description - ICS9LPRS535

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525 Datasheet
239Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS535 IDT-ICS9LPRS535 Datasheet
225Kb / 17P
48-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_10 Datasheet
237Kb / 21P
56-pin CK505 for Intel Systems
logo
Integrated Circuit Solu...
ICS9LPRS545 ICSI-ICS9LPRS545 Datasheet
221Kb / 17P
48-pin CK505 for Intel Systems
logo
Integrated Device Techn...
ICS9LPRS525_1107 IDT-ICS9LPRS525_1107 Datasheet
206Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS535 IDT-ICS9LPRS535_10 Datasheet
222Kb / 17P
48-pin CK505 for Intel Systems
ICS9LPRS545 IDT-ICS9LPRS545 Datasheet
221Kb / 17P
48-pin CK505 for Intel Systems
ICS9LRS4103 IDT-ICS9LRS4103 Datasheet
160Kb / 15P
32-pin CK505 for Intel Systems
logo
Renesas Technology Corp
ICS9LRS4103 RENESAS-ICS9LRS4103 Datasheet
193Kb / 15P
32-pin CK505 for Intel Systems
01/06/11
ICS9LRS4903 RENESAS-ICS9LRS4903 Datasheet
235Kb / 16P
32-pin CK505 for Intel Systems
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com