Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8250 Datasheet (PDF) - Analog Devices

AD8250 Datasheet PDF - Analog Devices
Part # AD8250
Download  AD8250 Download
File Size   125.55 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier

AD8250 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8250 Datasheet PDF - Analog Devices

Part # AD8250
Download  AD8250 Click to download

File Size   125.55 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier

AD8250 Datasheet (HTML) - Analog Devices


AD8250 Product details

GENERAL DESCRIPTION
The AD8250 is an instrumentation amplifier with digitally programmable gains that has GΩ input impedance, low output noise, and low distortion making it suitable for interfacing with sensors and driving high sample rate analog-to-digital converters (ADCs). It has a high bandwidth of 10 MHz, low THD of −110 dB and fast settling time of 615 ns (maximum) to 0.001%. Offset drift and gain drift are guaranteed to 1.7 μV/°C and 10 ppm/°C, respectively, for G = 10. In addition to its wide input common voltage range, it boasts a high common-mode rejection of 80 dB at G = 1 from dc to 50 kHz. The combination of precision dc performance coupled with high speed capabilities makes the AD8250 an excellent candidate for data acquisition. Furthermore, this monolithic solution simplifies design and manufacturing and boosts performance of instrumentation by maintaining a tight match of internal resistors and amplifiers.

FEATURES
   Small package: 10-lead MSOP
   Programmable gains: 1, 2, 5, 10
   Digital or pin-programmable gain setting
   Wide supply: ±5 V to ±15 V
   Excellent dc performance
      High CMRR 98 dB (minimum), G = 10
      Low gain drift: 10 ppm/°C (maximum)
      Low offset drift: 1.7 μV/°C (maximum), G = 10
   Excellent ac performance
      Fast settling time: 615 ns to 0.001% (maximum)
      High slew rate: 20 V/µs (minimum)
      Low distortion: −110 dB THD at 1 kHz
      High CMRR over frequency: 80 dB to 50 kHz (minimum)
      Low noise: 18 nV/√Hz, G = 10 (maximum)
      Low power: 4.1 mA

APPLICATIONS
   Data acquisition
   Biomedical analysis
   Test and measurement




Similar Part No. - AD8250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8250 AD-AD8250 Datasheet
217Kb / 10P
10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
4/07-Revision 0
AD8250 AD-AD8250 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8250 AD-AD8250 Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
AD8250 AD-AD8250 Datasheet
805Kb / 28P
Wide Supply Range, Rail-to-Rail
REV. 0
AD8250 AD-AD8250 Datasheet
3Mb / 34P
36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
More results


Similar Description - AD8250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
Programmable Gain Instrumentation Amplifier
REV.D
logo
Burr-Brown (TI)
PGA204 BURR-BROWN-PGA204 Datasheet
261Kb / 14P
Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8251 AD-AD8251 Datasheet
128Kb / 8P
12MHz 20V/us G=1,2,4,8 Programmable Gain iCMOS Instrumentation Amplifier
AD625 AD-AD625_15 Datasheet
465Kb / 15P
Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. C
AD8251 AD-AD8251_15 Datasheet
637Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. B
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. B
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD625 AD-AD625_16 Datasheet
561Kb / 16P
Programmable Gain Instrumentation Amplifier
REV. D
AD625 AD-AD625_17 Datasheet
497Kb / 16P
Programmable Gain Instrumentation Amplifier
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com