Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3244E Datasheet (PDF) - Sipex Corporation

SP3244E Datasheet PDF - Sipex Corporation
Part # SP3244E
Download  SP3244E Download
File Size   922.44 Kbytes
Page   22 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus

SP3244E Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3244E Datasheet PDF - Sipex Corporation

Part # SP3244E
Download  SP3244E Click to download

File Size   922.44 Kbytes
Page   22 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus

SP3244E Datasheet (HTML) - Sipex Corporation


SP3244E Product details

DESCRIPTION
The SP3244E/3245E is a 3-driver/5-receiver device ideal for mobile phone, consumer and PDA applications. These devices use an internal high-efficiency, charge-pump power supply that requires only 0.1µF capacitors for 3.3V single-supply operation. This charge pump and Sipex’s driver architecture allow the SP3244E/3245E to deliver compliant RS-232 performance from a power supply ranging from +3.0V to +5.5V. At voltages between +2.7V and +3.0V the driver outputs are compliant with RS-562 and can interface to RS-232 in portable applications.

FEATURES
• Contains 3-Drivers and 5-Receivers;
    Single-chip DTE (PC or terminal) serial port transceiver
• Auto On-line® Plus
• SP3244E slew-controlled to 250Kbps under load
• SP3245E 1Mbps data rate for high-speed RS-232
• Meets true EIA/TIA-232-F and ITU V.28 standards from a +3.0V to +5.5V power supply
• Adheres to EIA/TIA-562 for interoperability with EIA/TIA-232 down to a +2.7V supply voltage
• Regulated charge pump yields stable RS-232 outputs regardless of VCC variations
• ESD Specifications:
    ±15KV Human Body Model
    ±15KV IEC1000-4-2 Air Discharge
    ± 8KV IEC1000-4-2 Contact Discharge

APPLICATIONS
• Portable RS-232
• Laptops and handheld PCs and PDA
• Cellular telephones, datacables, chargingcradles
• Diagnostic/upload ports on embedded applications
• Use in conjunction with low-voltage UART or microcontroller
• SP3244E is cross-compatible with MAX3244E, ICL3244E
• SP3245E is cross-compatible with MAX3245E, ICL3245E




Similar Part No. - SP3244E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3243 SIPEX-SP3243 Datasheet
165Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243 SIPEX-SP3243 Datasheet
252Kb / 19P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3243B SIPEX-SP3243B Datasheet
180Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243BCA SIPEX-SP3243BCA Datasheet
180Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243BCR SIPEX-SP3243BCR Datasheet
180Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Similar Description - SP3244E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3222EB_0511 SIPEX-SP3222EB_0511 Datasheet
681Kb / 25P
CorporationTrue 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3224E SIPEX-SP3224E Datasheet
4Mb / 23P
3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
logo
Exar Corporation
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
True 3.0V to 5.5V RS-232 Transceivers
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
3.0V to 5.5V RS-232 Transceivers
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEY-L-TR EXAR-SP3232EBEY-L-TR Datasheet
644Kb / 24P
True 3.0V to 5.5V RS-232 Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com