Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPG-M041 Datasheet (PDF) - AAEON Technology

SPG-M041 Datasheet PDF - AAEON Technology
Part # SPG-M041
Download  SPG-M041 Download
File Size   617.51 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description Gateway System with ARM Cortex M4F 180MHz

SPG-M041 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPG-M041 Datasheet PDF - AAEON Technology

Part # SPG-M041
Download  SPG-M041 Click to download

File Size   617.51 Kbytes
Page   2 Pages
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology
Description Gateway System with ARM Cortex M4F 180MHz

SPG-M041 Datasheet (HTML) - AAEON Technology


SPG-M041 Product details

Features
■ Dual wireless connectivity (LTE 4G as default)
■ Wireless: CAT-NB/M1, Wi-SUN upon request
■ GPS support (via 4G LTE or CAT-NB/M1 module)
■ Dual 10/100 Mbps Ethernet ports
■ Multiple I/O interface connections for data collection
■ Embedded Real-Time OS support
■ Data logger with time stamp
■ Firmware over the air (FOTA) support
■ Wide operating temperature range -20˚C to 70˚C




Similar Part No. - SPG-M041

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
SPG-104 SOVICO-SPG-104 Datasheet
733Kb / 1P
PROGRAM EXCHANGER
logo
Epson ToYoCom
SPG-8640AN EPSONTOYOCOM-SPG-8640AN Datasheet
444Kb / 2P
SPG-8650
SPG-8640AN EPSONTOYOCOM-SPG-8640AN Datasheet
444Kb / 2P
Crystal oscillator
SPG-8640BN EPSONTOYOCOM-SPG-8640BN Datasheet
444Kb / 2P
SPG-8650
SPG-8640BN EPSONTOYOCOM-SPG-8640BN Datasheet
444Kb / 2P
Crystal oscillator
More results


Similar Description - SPG-M041

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2H CYPRESS-S6E2H Datasheet
6Mb / 163P
32-bit ARM 짰 Cortex 짰 -M4F FM4 Microcontroller
S6E2H4 CYPRESS-S6E2H4 Datasheet
4Mb / 160P
32-bit ARM Cortex-M4F
logo
List of Unclassifed Man...
BT832A ETC2-BT832A Datasheet
881Kb / 22P
Nordic nRF52 with ARM Cortex M4F
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200_V01 Datasheet
1Mb / 1P
ARM Cortex-M4F 192MHz
logo
NXP Semiconductors
S32K1XX NXP-S32K1XX Datasheet
1Mb / 100P
Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 12, 02/2020
logo
Moxa Inc.
UC-8100A-ME-T MOXA-UC-8100A-ME-T Datasheet
1Mb / 6P
Arm Cortex-A8 1 GHz IIoT gateway
logo
Analog Devices
ADUCM4050 AD-ADUCM4050 Datasheet
743Kb / 46P
Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
4/2019-Rev. 0 to Rev. A
logo
NXP Semiconductors
S32K1XX NXP-S32K1XX_V01 Datasheet
1Mb / 101P
Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 14, 08/2021
logo
AAEON Technology
SRG-3352 AAEON-SRG-3352 Datasheet
482Kb / 2P
Standard IoT Gateway System With Onboard ARM Cortex-A8 800 MHz RISC Processor
2022/10/21
SRG-3352C AAEON-SRG-3352C Datasheet
608Kb / 2P
Standard IoT Gateway System With Onboard ARM Cortex-A8 800 MHz RISC Processor
2022/10/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com