Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82478 Datasheet (PDF) - EPCOS

B82478 Datasheet PDF - EPCOS
Part # B82478
Download  B82478 Download
File Size   308.06 Kbytes
Page   3 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT-Power-Inductors (Rated inductance 10 uH .. 1000 uH)

B82478 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82478 Datasheet PDF - EPCOS

Part # B82478
Download  B82478 Click to download

File Size   308.06 Kbytes
Page   3 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMT-Power-Inductors (Rated inductance 10 uH .. 1000 uH)

B82478 Datasheet (HTML) - EPCOS


B82478 Product details

Rated inductance 10 µH .. 1000 µH



Construction

 Ferrite core

 Winding: enamel copper wire

 Winding soldered to terminals

 Plastic terminal carrier



Features

 Very high rated current

 Low DC resistance

 Suitable for reflow soldering (IR and vapor phase)



Applications

 Filtering of supply voltages

 Coupling / decoupling

 DC/DC converters

 Automotive electronics

 Telecommunications



Terminals

 Tinned




Similar Part No. - B82478

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82478-A1103-M EPCOS-B82478-A1103-M Datasheet
59Kb / 3P
Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
B82478-A1103-M EPCOS-B82478-A1103-M_1 Datasheet
59Kb / 3P
Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
B82478-A1104-M EPCOS-B82478-A1104-M Datasheet
59Kb / 3P
Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
B82478-A1105-M EPCOS-B82478-A1105-M Datasheet
59Kb / 3P
Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
B82478-A1153-M EPCOS-B82478-A1153-M Datasheet
59Kb / 3P
Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
More results


Similar Description - B82478

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B82471 ETC1-B82471 Datasheet
930Kb / 3P
Rated inductance 10 uH .. 220 uH
SMTDRRI-124-3R9M ETC1-SMTDRRI-124-3R9M Datasheet
173Kb / 4P
SMD POWER INDUCTORS -Type SMTDRRI (1.2 ~ 1000)uH-
logo
Kemet Corporation
SBCP-14HY102B KEMET-SBCP-14HY102B Datasheet
68Kb / 1P
KEMET, SBCP-14HY, Power, 1000 uH, 10%, 5mm
SBCP-11HY102H KEMET-SBCP-11HY102H Datasheet
67Kb / 1P
KEMET, SBCP-11HY, Power, 1000 uH, 10%, 5mm
SBCP-47HY102B KEMET-SBCP-47HY102B Datasheet
86Kb / 1P
KEMET, SBCP-47HY, Power, 1000 uH, 10%, 2.5mm
SBCP-80HY102H KEMET-SBCP-80HY102H Datasheet
67Kb / 1P
KEMET, SBCP-80HY, Power, 1000 uH, 10%, 5mm
SBC3-102-281 KEMET-SBC3-102-281 Datasheet
77Kb / 1P
KEMET, SBC3, Power, 1000 uH, 10%, 5mm
SBC7-102-541 KEMET-SBC7-102-541 Datasheet
77Kb / 1P
KEMET, SBC7, Power, 1000 uH, 10%, 10mm
SBC9-102-451 KEMET-SBC9-102-451 Datasheet
77Kb / 1P
KEMET, SBC9, Power, 1000 uH, 10%, 7.5mm
SBC6-102-561 KEMET-SBC6-102-561 Datasheet
76Kb / 1P
KEMET, SBC6, Power, 1000 uH, 10%, 7.5mm
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com