Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC505 Datasheet (PDF) - NXP Semiconductors

MPC505 Datasheet PDF - NXP Semiconductors
Part # MPC505
Download  MPC505 Download
File Size   276.21 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PowerPC™ MPC505 RISC Microcontroller

MPC505 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC505 Datasheet PDF - NXP Semiconductors

Part # MPC505
Download  MPC505 Click to download

File Size   276.21 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PowerPC™ MPC505 RISC Microcontroller

MPC505 Datasheet (HTML) - NXP Semiconductors


MPC505 Product details

FEATURES
• Single-Chip Microcontroller
• RISC MCU Central Processing Unit (RCPU)
— 32-Bit PowerPC Architecture
— Single-Issue Processor
— Integrated Floating-Point Unit
— Branch Prediction for Prefetch
— Branch Folding
— 32 x 32 Bits General-Purpose Register File
— 32 x 64 Bits Floating-Point Register File
— Precise Exception Model
— Internal Harvard Architecture: Load/Store Bus (L-Bus), Instruction Bus (I-Bus)
• System Interface Unit (SIU)
— Chip-Select Logic to Reduce or Eliminate External Decoding Logic
— Supports a Variety of Memory Types (SRAM, EEPROM)
— Supports 16- and 32-bit Devices
— System Protection Features Including Bus Monitor, Decrementer, and Periodic Interrupt
Timer
— On-Chip Phase-Locked Loop (PLL)
— Five Dual-Purpose I/O Ports, Two Dual-Purpose Output Ports
• Peripheral Control Unit (PCU)
— Software Watchdog
— Interrupt Controller to Manage External and Internal Interrupts to the CPU
— Dual-Purpose I/O Port
— L-bus IMB Interface (LIMB) Connecting L-Bus to Intermodule Bus 2 (IMB2)
• Development Support
— Internal Breakpoints
— External Watchpoints
— Internal Bus Visibility
— Program Flow Tracking
— Development Port
• 4-Kbyte On-Chip Instruction Cache (I-Cache)
• 4-Kbyte On-Chip Static RAM (SRAM)
• 3.3-V Supply Voltage
• Frequency: dc to 25 MHz (40 MHz in Future Versions)
• Power Consumption: 530 mW @ 25 MHz
• Interrupt Response Time: Less than 1 µs @ 25 MHz




Similar Part No. - MPC505

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC500 MOTOROLA-MPC500 Datasheet
415Kb / 6P
ELECTROHYDRAULIC BRAKING
logo
Burr-Brown (TI)
MPC506 BURR-BROWN-MPC506 Datasheet
420Kb / 15P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC506 TI2-MPC506 Datasheet
511Kb / 19P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
REVISED OCTOBER 2003
logo
Burr-Brown (TI)
MPC506A BURR-BROWN-MPC506A Datasheet
420Kb / 15P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
MPC506A TI2-MPC506A Datasheet
511Kb / 19P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
REVISED OCTOBER 2003
More results


Similar Description - MPC505

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
PowerPC 7457 RISC Microprocessor
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
PowerPC RISC microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
PowerPC 7410 RISC Microprocessor
logo
NXP Semiconductors
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC601EC NXP-MPC601EC Datasheet
507Kb / 24P
PowerPC 601™ RISC Microprocessor Hardware Specifications
REV 3
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
MPC603EC NXP-MPC603EC Datasheet
265Kb / 31P
PowerPC 603™ RISC Microprocessor Hardware Specifications
REV 3
MPC604EC NXP-MPC604EC Datasheet
731Kb / 32P
PowerPC 604™ RISC Microprocessor Hardware Specifications
REV 1
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com