Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet (PDF) - NXP Semiconductors

MPC821 Datasheet PDF - NXP Semiconductors
Part # MPC821
Download  MPC821 Download
File Size   4064.51 Kbytes
Page   242 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Design Specification

MPC821 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC821 Datasheet PDF - NXP Semiconductors

Part # MPC821
Download  MPC821 Click to download

File Size   4064.51 Kbytes
Page   242 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Design Specification

MPC821 Datasheet (HTML) - NXP Semiconductors


MPC821 Product details

Features
o 4 MByte, Unbuffered, Synchronous Dram On-Board.
o 4 MByte EDO 60nsec delay DRAM SIMM. Support for 4 - 32 MByte FPM or EDO
Dram SIMM, with Automatic Dram SIMM identification. 16 Bit Data-Bus Width Support.
o 2 MByte Flash SIMM. Support for upto 8 MByte, 5V or 12V Programmable, with Automatic
Flash SIMM identification.
o Memory Disable Option for each local memory map slaves.
o Board Control & Status Register - BCSR, Controlling Board’s Operation.
o Programmable Hard-Reset Configuration via BCSR.
o 5V only PCMCIA Socket With Full Buffering, Power Control and Port Disable Option.
Complies with PCMCIA 2.1+ Standard.
o Module Enable Indications.
o 10-Base-T Port On-Board, with Stand-By Mode.
o Fast-IrDA (4MBps) Port with Stand-By Mode.
o Dual RS232 port with Low-Power Option per each port.
o On - Board Debug Port Controller with ADI I/F.
o MPC8XXFADS Serving as Debug Station for Target System option.
o Optional Hard-Reset Configuration Burned in FlashA.
o External Tools’ Identification Capability, via BCSR.
o Soft / HardB Reset Push - Button
o ABORT Push - Button
o SingleC 5V Supply.
o Reverse / Over Voltage Protection for Power Inputs.
o 3.3V / 2V MPC Internal Logic OperationD, 3.3V MPC I/O Operation.
o Power Indications for Each Power Bus.
o Software Option Switch provides 16 S/W options via BCSR.




Similar Part No. - MPC821

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC821 FREESCALE-MPC821 Datasheet
975Kb / 12P
PowerPC Personal Syetems Microprocessor
More results


Similar Description - MPC821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A2012 ETC-A2012 Datasheet
134Kb / 1P
DESIGN SHOWCASE
logo
Texas Instruments
AIC111 TI-AIC111 Datasheet
230Kb / 29P
IC DESIGN SPECIFICATION 1.3-V microPower DSP/uC VOICE BAND AUDIO CODEC
AIC111 TI1-AIC111_16 Datasheet
322Kb / 33P
IC DESIGN SPECIFICATION 1.3-V microPower??DSP/關C VOICE BAND AUDIO CODEC
logo
AAEON Technology
OMNI-3105HTT-BT-A1-1010 AAEON-OMNI-3105HTT-BT-A1-1010 Datasheet
183Kb / 2P
Aluminum Design
logo
List of Unclassifed Man...
Q22 ETC2-Q22 Datasheet
201Kb / 2P
Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
Q48 ETC2-Q48 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
Q58 ETC2-Q58 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
Versatile mechanical design maximizes design flexibility
logo
International Rectifier
IRVRM2 IRF-IRVRM2 Datasheet
273Kb / 8P
Pentium II1 Power Supply Design Specification
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com