Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT661 Datasheet (PDF) - Catalyst Semiconductor

CAT661 Datasheet PDF - Catalyst Semiconductor
Part # CAT661
Download  CAT661 Download
File Size   867.83 Kbytes
Page   28 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description Catalyst Semiconductor

CAT661 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT661 Datasheet PDF - Catalyst Semiconductor

Part # CAT661
Download  CAT661 Click to download

File Size   867.83 Kbytes
Page   28 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description Catalyst Semiconductor

CAT661 Datasheet (HTML) - Catalyst Semiconductor


CAT661 Product details

I2C Interfaced 16-bit LED Dimmer, I2C Interfaced 16-bit LED Blinker



Features

■ 256 discrete brightness steps for easy LED dimming and color mixing

■ two programmable blinking rate between 0.625 sec and 1.6 sec for CAT9532; 0.02sec and 6.4 sec for CAT9552

■ eliminates repeated commands to turn on/off LEDs, reducing I2C traffi c

■ drives up to 16 LEDs; any bit that is not used to drive an LED can be used as a GPIO

■ 25mA sink current per bit (max 200mA per device)

■ each port can be individually turned on, off, or programmed to blink

■ during power-up or when a manual reset (hardware reset) is asserted, all outputs are set to off-mode

■ built in noise fi lter for SDA/SCL inputs

■ 0-400KHz clock frequency



Applications

■ LED dimming

■ LCD backlighting

■ celluar phones



 




Similar Part No. - CAT661

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661 Datasheet
488Kb / 16P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT661 CATALYST-CAT661 Datasheet
173Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661 ONSEMI-CAT661 Datasheet
164Kb / 16P
High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
logo
Catalyst Semiconductor
CAT661ELA CATALYST-CAT661ELA Datasheet
173Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
More results


Similar Description - CAT661

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
SEMICONDUCTOR
logo
Cisco Systems, Inc.
9124AX CISCO-9124AX Datasheet
2Mb / 23P
Cisco Catalyst 9124AX Series Access Points
2023
9130AX CISCO-9130AX Datasheet
1Mb / 17P
Cisco Catalyst 9130AX Series Access Points
2023
9200 CISCO-9200 Datasheet
1Mb / 54P
Cisco Catalyst 9200 Series Switches
2023
9300 CISCO-9300 Datasheet
3Mb / 74P
Cisco Catalyst 9300 Series Switches
2023
9400 CISCO-9400 Datasheet
583Kb / 22P
Cisco Catalyst 9400 Series Switch
2023
9500 CISCO-9500 Datasheet
1Mb / 52P
Cisco Catalyst 9500 Series Switches
2023
9800-80 CISCO-9800-80 Datasheet
947Kb / 23P
Cisco Catalyst 9800-80 Wireless Controller
2022
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com