Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD12CT1 Datasheet (PDF) - ON Semiconductor

SD12CT1 Datasheet PDF - ON Semiconductor
Part # SD12CT1
Download  SD12CT1 Download
File Size   36.74 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)

SD12CT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD12CT1 Datasheet PDF - ON Semiconductor

Part # SD12CT1
Download  SD12CT1 Click to download

File Size   36.74 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)

SD12CT1 Datasheet (HTML) - ON Semiconductor


SD12CT1 Product details

Transient Voltage Suppressor

Bi−directional ESD Protection with Ultra Low Clamping Voltage



The SD12C is designed to protect voltage sensitive components from ESD and transient voltage events. Excellent clamping capability, low leakage, and fast response time, make this part ideal for ESD protection on designs where board space is at a premium. Because of its small size, it is suited for use in cellular phones, portable devices, digital cameras, power supplies and many other portable applications.



Specification Features:

• Peak Power − 350 W (8 x 20 μs)

• Low Leakage

• Low Clamping Voltage

• Small Package for use in Portable Electronics

• Meets IEC61000−4−2 Level 4

• Meets IEC6100−4−4 Level 4

• Meets 16 kV Human Body Model ESD Requirements

• Pb−Free Package is Available



 




Similar Part No. - SD12CT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SD12CT1 ONSEMI-SD12CT1 Datasheet
40Kb / 3P
Transient Voltage Suppressor
February, 2007 ??Rev. 1
SD12CT1G ONSEMI-SD12CT1G Datasheet
40Kb / 3P
Transient Voltage Suppressor
February, 2007 ??Rev. 1
logo
Guangdong Youtai Semico...
SD12CT1G UMW-SD12CT1G Datasheet
301Kb / 3P
Peak Power − 350 W (8 x 20 цs)
logo
TECH PUBLIC Electronics...
SD12CT1G TECHPUBLIC-SD12CT1G Datasheet
2Mb / 4P
1-Line Bi-directional ESD DIODE
logo
ON Semiconductor
SD12CT1 ONSEMI-SD12CT1_07 Datasheet
40Kb / 3P
Transient Voltage Suppressor
February, 2007 ??Rev. 1
More results


Similar Description - SD12CT1

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
5KP5.0C EIC-5KP5.0C Datasheet
119Kb / 4P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_09 Datasheet
165Kb / 6P
Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 5
logo
Bruckewell Technology L...
P4SMA6.8C BWTECH-P4SMA6.8C Datasheet
151Kb / 4P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
ESD3B5V0WS DIOTEC-ESD3B5V0WS Datasheet
107Kb / 2P
Bi-Directional Transient Voltage Suppressor Diodes for ESD Protection
logo
Infineon Technologies A...
ESD207-B1-02 INFINEON-ESD207-B1-02 Datasheet
1Mb / 16P
Ultra Low Clamping Bi-directional ESD / Transient / Surge Protection Diodes
Revision 1.3, 2013-12-19
ESD206-B1-02 INFINEON-ESD206-B1-02 Datasheet
843Kb / 14P
Ultra Low Clamping Bi-directional ESD / Transient / Surge Protection Diode
Revision 1.5, 2013-12-19
ESD105-B1-02ELS INFINEON-ESD105-B1-02ELS Datasheet
719Kb / 17P
Low Capacitance & Low Clamping Bi-directional ESD / Transient Protection Diodes
Revision 1.0, 2013-12-12
logo
EIC discrete Semiconduc...
QP4SMA47CA EIC-QP4SMA47CA Datasheet
298Kb / 2P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00 : March 14, 2016
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com