Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TKD Datasheet (PDF) - Exxelia Group

TKD Datasheet PDF - Exxelia Group
Part # TKD
Download  TKD Download
File Size   791.3 Kbytes
Page   17 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description High Voltage Conformal Coated Leaded Capacitors

TKD Datasheet (PDF)

Go To PDF Page Download Datasheet
TKD Datasheet PDF - Exxelia Group

Part # TKD
Download  TKD Click to download

File Size   791.3 Kbytes
Page   17 Pages
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group
Description High Voltage Conformal Coated Leaded Capacitors

TKD Datasheet (HTML) - Exxelia Group


TKD Product details

FEATURES
• Multilayer chip ceramic capacitors
• NPO, C4xx and X7R dielectrics
• Capacitance range: 10pf to 39 μF
• Voltage range: 250 VDC to 10,000 VDC




Similar Part No. - TKD

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TKD10A TOPSTEK-TKD10A Datasheet
79Kb / 2P
Topstek Current Transducer
TKD11A TOPSTEK-TKD11A Datasheet
79Kb / 2P
Topstek Current Transducer
TKD12A TOPSTEK-TKD12A Datasheet
79Kb / 2P
Topstek Current Transducer
logo
Power-One
TKD12ZED POWER-ONE-TKD12ZED Datasheet
184Kb / 3P
50 WATT, 3/4 BRICK
TKD12ZED-T POWER-ONE-TKD12ZED-T Datasheet
184Kb / 3P
50 WATT, 3/4 BRICK
More results


Similar Description - TKD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24 Datasheet
128Kb / 1P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Feb-05
IRF-36 VISHAY-IRF-36 Datasheet
131Kb / 1P
Inductors Epoxy Conformal Coated, Axial Leaded
10-Feb-05
logo
HolyStone International
RXX HOLYSTONECAPS-RXX Datasheet
274Kb / 4P
High CV Conformal Coated Radial Leaded Capacitors
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24_17 Datasheet
71Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
04-Mar-14
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-46 VISHAY-IRF-46_17 Datasheet
69Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
16-Mar-17
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
25-May-16
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
Inductors, Epoxy Conformal Coated, Axial Leaded
16-Mar-17
logo
Exxelia Group
TEF EXXELIA-TEF Datasheet
2Mb / 16P
Radial Leaded Conformal Coated Capacitors
02/21
TCF EXXELIA-TCF Datasheet
793Kb / 18P
High Voltage Conformal Coated Leaded Capacitors
revised 02/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com