Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP1032 Datasheet (PDF) - Ceramate Technical

CP1032 Datasheet PDF - Ceramate Technical
Part # CP1032
Download  CP1032 Download
File Size   307.39 Kbytes
Page   12 Pages
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical
Description Chopper Regulators

CP1032 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP1032 Datasheet PDF - Ceramate Technical

Part # CP1032
Download  CP1032 Click to download

File Size   307.39 Kbytes
Page   12 Pages
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical
Description Chopper Regulators

CP1032 Datasheet (HTML) - Ceramate Technical


CP1032 Product details

■ Features

● Maximum switching current: 3.5A

● Built-in ON/OFF control function

● Built-in oscillation circuit (Oscillation frequency: TYP. 150kHz)

● Built-in overheat protection function, overcurrent shut-down

● Built-in soft start function to suppress overshoot of output voltage in power on sequence or ON/OFF control sequence function

● Sleeve-packaged product

● Variable output voltage

   (Output variable range: Vref to 35V/–Vref to –30V)

   [Possible to select step-down output/inversing output

   according to external connection circuit]



■ Applications

● LCD monitors

● Car navigation systems

● Switching power supplies



 




Similar Part No. - CP1032

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
Dual OP Amp And Voltage Reference
logo
List of Unclassifed Man...
CP1030 ETC-CP1030 Datasheet
315Kb / 3P
Transhield CP1000 Series
logo
CUI INC
CP103033 CUI-CP103033 Datasheet
757Kb / 6P
PELTIER MODULE
logo
Same Sky Devices
CP103033 SAMESKY-CP103033 Datasheet
1Mb / 8P
PELTIER MODULE
09/12/2024
logo
CUI INC
CP1030336 CUI-CP1030336 Datasheet
1Mb / 8P
PELTIER MODULE
11/09/2020
More results


Similar Description - CP1032

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA16 MOTOROLA-MPSA16 Datasheet
162Kb / 2P
CHOPPER TRANSISTORS
logo
Sharp Corporation
PQ1CG2032FZ SHARP-PQ1CG2032FZ Datasheet
69Kb / 6P
TO-220 Type Chopper Regulators
PQ1CG21H2FZ SHARP-PQ1CG21H2FZ_01 Datasheet
69Kb / 6P
Chopper Regulators TO-220 Type Chopper Regulators
logo
Microsemi Corporation
APT58M50JU2 MICROSEMI-APT58M50JU2 Datasheet
114Kb / 5P
ISOTOP짰 Boost chopper ISOTOP짰 Boost chopper
logo
Toshiba Semiconductor
2SK2964 TOSHIBA-2SK2964_09 Datasheet
410Kb / 6P
Chopper Regulators, DC−DC Converters and Motor DriveApplications
2SK3265 TOSHIBA-2SK3265_09 Datasheet
427Kb / 6P
Chopper Regulators DC−DC Converter and Motor Drive Applications
2SK4020 TOSHIBA-2SK4020_09 Datasheet
424Kb / 6P
Chopper Regulators, DC-DC Converters and Motor Drive Applications
logo
Infineon Technologies A...
DF1000R17IE4P INFINEON-DF1000R17IE4P Datasheet
583Kb / 10P
IGBT, Brems-Chopper / IGBT, Brake-Chopper
V3.0 2018-11-26
FD300R17KE4P INFINEON-FD300R17KE4P Datasheet
586Kb / 10P
IGBT, Brems-Chopper / IGBT, Brake-Chopper
V2.0 2019-04-02
FD450R12KE4P INFINEON-FD450R12KE4P Datasheet
620Kb / 10P
IGBT, Brems-Chopper / IGBT, Brake-Chopper
V2.0 2019-06-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com