Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0497A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ0497A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ0497A
Download  TZ0497A Download
File Size   300.87 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 3.2x2.5 16.9344MHz

TZ0497A Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ0497A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0497A
Download  TZ0497A Click to download

File Size   300.87 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 3.2x2.5 16.9344MHz

TZ0497A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ0497A Product details

Features:
Surface Mount Hermetic Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Ultra Miniature Package

Description and Applications:
Surface mount 3.2mmx2.5mm crystal unit for use in wireless communications devices




Similar Part No. - TZ0497A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0491A TAI-SAW-TZ0491A Datasheet
217Kb / 5P
SMD 5.0x3.2 27.12MHz Crystal Unit
REV. NO.: 1
TZ0493A TAI-SAW-TZ0493A Datasheet
226Kb / 5P
SMD 4x2.5 13.546875MHz Crystal Unit
REV. NO.: 1
TZ0494A TAI-SAW-TZ0494A Datasheet
226Kb / 5P
SMD 4x2.5 13.571875MHz Crystal Unit
REV. NO.: 1
TZ0495A TAI-SAW-TZ0495A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 3
TZ0495C TAI-SAW-TZ0495C Datasheet
7Mb / 8P
Your Best Partner For Frequency Devices
More results


Similar Description - TZ0497A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0308D TAI-SAW-TZ0308D Datasheet
146Kb / 7P
Crystal Unit SMD 3.2x2.5 40.000MHz
REV. NO.: 1
TZ0329A TAI-SAW-TZ0329A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 6
TZ0342A TAI-SAW-TZ0342A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.: 5
TZ0348A TAI-SAW-TZ0348A Datasheet
120Kb / 7P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 5
TZ0378A TAI-SAW-TZ0378A Datasheet
127Kb / 8P
Crystal Unit SMD 3.2x2.5 49.09MHz
REV. NO.: 5
TZ0392A TAI-SAW-TZ0392A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 15.3600MHz
REV. NO.: 4
TZ0417A TAI-SAW-TZ0417A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 54.0MHz
REV. NO.: 4
TZ0877A TAI-SAW-TZ0877A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 16.9344MHz
REV. NO.: 3
TZ0887A TAI-SAW-TZ0887A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 16.9344MHz
REV. NO.: 3
TZ2330A TAI-SAW-TZ2330A Datasheet
432Kb / 6P
Glass SMD 8.0x4.5 16.9344MHz Crystal Unit
REV. NO.: 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com