Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5V19EE404NLGI Datasheet (PDF) - Renesas Technology Corp

5V19EE404NLGI Datasheet PDF - Renesas Technology Corp
Part # 5V19EE404NLGI
Download  5V19EE404NLGI Download
File Size   478.89 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR

5V19EE404NLGI Datasheet (PDF)

Go To PDF Page Download Datasheet
5V19EE404NLGI Datasheet PDF - Renesas Technology Corp

Part # 5V19EE404NLGI
Download  5V19EE404NLGI Click to download

File Size   478.89 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR

5V19EE404NLGI Datasheet (HTML) - Renesas Technology Corp


5V19EE404NLGI Product details

Features
• Four internal PLLs
• Internal non-volatile EEPROM
• Fast (400kHz) mode I2C serial interface
• Input frequency range: 1 MHz to 200 MHz
• Output frequency range: 4.9 kHz to 200 MHz
• Reference crystal input with programmable linear load
capacitance
– Crystal frequency range: 8 MHz to 50 MHz
• Integrated VCXO
• Two independently controlled VDDO (1.8V - 3.3V)
• Each PLL has a 7-bit reference divider and a 12-bit
feedback-divider
• 8-bit output-divider blocks
• Fractional division capability on one PLL
• Two of the PLLs support spread spectrum generation
capability
• I/O Standards:
– Outputs - 1.8 - 3.3 V LVTTL/ LVCMOS
– Inputs - 3.3 V LVTTL/ LVCMOS
• Programmable slew rate control
• Programmable loop bandwidth
• Programmable output inversion to reduce bimodal jitter
• Redundant clock inputs with auto and manual switchover options
• Individual output enable/disable
• Power-down mode
• 3.3V core VDD
• Available in VFQFPN package
• -40 to +85°C Industrial Temp operation




Similar Part No. - 5V19EE404NLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5V19EE403NLGI RENESAS-5V19EE403NLGI Datasheet
495Kb / 30P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
5V19EE403NLGI8 RENESAS-5V19EE403NLGI8 Datasheet
495Kb / 30P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
More results


Similar Description - 5V19EE404NLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V19EE604 IDT-IDT5V19EE604 Datasheet
655Kb / 29P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE901 IDT-IDT5V19EE901 Datasheet
736Kb / 35P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE904 IDT-IDT5V19EE904 Datasheet
658Kb / 29P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE902 IDT-IDT5V19EE902 Datasheet
381Kb / 34P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
IDT5V19EE903 IDT-IDT5V19EE903 Datasheet
369Kb / 31P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V19EE403 RENESAS-IDT5V19EE403 Datasheet
495Kb / 30P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
IDT5V19EE603 RENESAS-IDT5V19EE603 Datasheet
487Kb / 30P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
IDT5V19EE604 RENESAS-IDT5V19EE604 Datasheet
495Kb / 30P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
IDT5V19EE901 RENESAS-IDT5V19EE901 Datasheet
547Kb / 36P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
2019
IDT5V19EE902 RENESAS-IDT5V19EE902 Datasheet
536Kb / 35P
EEPROM PROGRAMMABLE VCXO CLOCK GENERATOR
092412
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com