Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8L3010ANLGI Datasheet (PDF) - Renesas Technology Corp

8L3010ANLGI Datasheet PDF - Renesas Technology Corp
Part # 8L3010ANLGI
Download  8L3010ANLGI Download
File Size   656.31 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal or Differential to LVCMOS/ LVTTL Clock Buffer

8L3010ANLGI Datasheet (PDF)

Go To PDF Page Download Datasheet
8L3010ANLGI Datasheet PDF - Renesas Technology Corp

Part # 8L3010ANLGI
Download  8L3010ANLGI Click to download

File Size   656.31 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Crystal or Differential to LVCMOS/ LVTTL Clock Buffer

8L3010ANLGI Datasheet (HTML) - Renesas Technology Corp


8L3010ANLGI Product details

Features
• Ten LVCMOS / LVTTL outputs up to 200MHz
• Differential input pair can accept the following differential input
levels: LVPECL, LVDS, HCSL
• Crystal Oscillator Interface
• Crystal input frequency range: 10MHz to 40MHz
• Output skew: 50ps (maximum) @ 3.3V/3.3V
• Additive RMS phase jitter: 0.24ps (typical) @ 3.3V/3.3V
• Synchronous output enable to avoid clock glitch
• Power supply modes:
Core / Output
3.3V / 3.3V
2.5V / 2.5V
3.3V / 2.5V
3.3V / 1.8V
3.3V / 1.5V
2.5V / 1.8V
2.5V / 1.5V
• 5V input tolerance
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 8L3010ANLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8L3010ANLGI IDT-8L3010ANLGI Datasheet
299Kb / 21P
Crystal or Differential to LVCMOS/ LVTTL Clock Buffer
8L3010ANLGI8 IDT-8L3010ANLGI8 Datasheet
299Kb / 21P
Crystal or Differential to LVCMOS/ LVTTL Clock Buffer
More results


Similar Description - 8L3010ANLGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8L30110 IDT-8L30110 Datasheet
574Kb / 22P
Crystal or Differential to LVCMOS/ LVTTL Clock Buffer
8L30205 IDT-8L30205 Datasheet
407Kb / 20P
Crystal or Differential to LVCMOS/ LVTTL Clock Buffer
8L30210 IDT-8L30210 Datasheet
511Kb / 20P
Crystal or Differential to LVCMOS/ LVTTL Clock Buffer
8L30110 IDT-8L30110_17 Datasheet
503Kb / 20P
Crystal or Differential-to-LVCMOS LVTTL Clock Buffer
8L30205 IDT-8L30205_17 Datasheet
356Kb / 19P
Crystal or Different ial-to-LVCMOS/LVTTL Clock Buffer
8L30210 IDT-8L30210_17 Datasheet
370Kb / 18P
Crystal or Different ial-to-LVCMOS/LVTTL Clock Buffer
IDT8L3010I IDT-IDT8L3010I Datasheet
299Kb / 21P
Crystal or Differential to LVCMOS/ LVTTL Clock Buffer
logo
Renesas Technology Corp
8L30110 RENESAS-8L30110 Datasheet
942Kb / 20P
Crystal or Differential-to-LVCMOS/ LVTTL Clock Buffer
March 20, 2023
8L30205 RENESAS-8L30205 Datasheet
793Kb / 20P
Crystal or Differential-to-LVCMOS/ LVTTL Clock Buffer
May 3, 2017
8L30210 RENESAS-8L30210 Datasheet
842Kb / 19P
Crystal or Differential-to-LVCMOS/ LVTTL Clock Buffer
July 27, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com