Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8T33FS314PGGI Datasheet (PDF) - Renesas Technology Corp

8T33FS314PGGI Datasheet PDF - Renesas Technology Corp
Part # 8T33FS314PGGI
Download  8T33FS314PGGI Download
File Size   933.23 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-4 Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer

8T33FS314PGGI Datasheet (PDF)

Go To PDF Page Download Datasheet
8T33FS314PGGI Datasheet PDF - Renesas Technology Corp

Part # 8T33FS314PGGI
Download  8T33FS314PGGI Click to download

File Size   933.23 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-4 Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer

8T33FS314PGGI Datasheet (HTML) - Renesas Technology Corp


8T33FS314PGGI Product details

Features
• Four differential ECL/LVPECL level outputs
• One differential ECL/LVPECL or single-ended input (CLKA)
One differential HSTL or single-ended input (CLKB)
• Maximum output frequency: 2.7GHz
• Additive phase jitter, RMS: 0.114ps (typical) @ 156.25MHz
• Output skew: 50ps (maximum)
• LVPECL and HSTL mode operating voltage supply range:
VCC = 2.5V±5% or 3.3V±5%, VEE = 0V
• ECL mode operating voltage supply range:
VEE = -3.3V±5% or -2.5V±5%, VCC = 0V
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - 8T33FS314PGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T33FS6111 IDT-8T33FS6111 Datasheet
810Kb / 28P
Fully differential architecture from input to all outputs
logo
Renesas Technology Corp
8T33FS6111 RENESAS-8T33FS6111 Datasheet
1,014Kb / 29P
Low Voltage 2.5V/3.3V Differential LVPECL/HSTL Fanout Buffer
12/02/14
8T33FS6111DXGI RENESAS-8T33FS6111DXGI Datasheet
1,014Kb / 29P
Low Voltage 2.5V/3.3V Differential LVPECL/HSTL Fanout Buffer
12/02/14
8T33FS6111DXGI8 RENESAS-8T33FS6111DXGI8 Datasheet
1,014Kb / 29P
Low Voltage 2.5V/3.3V Differential LVPECL/HSTL Fanout Buffer
12/02/14
8T33FS6111NLGI RENESAS-8T33FS6111NLGI Datasheet
1,014Kb / 29P
Low Voltage 2.5V/3.3V Differential LVPECL/HSTL Fanout Buffer
12/02/14
More results


Similar Description - 8T33FS314PGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853031 ICST-ICS853031 Datasheet
241Kb / 19P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B SEPTEMBER 16, 2004
ICS853014 ICST-ICS853014 Datasheet
470Kb / 17P
LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
REV. C MAY 13, 2005
ICS85310I-11 ICST-ICS85310I-11 Datasheet
190Kb / 16P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. E JULY 7, 2005
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
logo
Integrated Device Techn...
ICS853014 IDT-ICS853014 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
853S011BMILF IDT-853S011BMILF Datasheet
830Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85311I RENESAS-85311I Datasheet
628Kb / 18P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
853S011B RENESAS-853S011B Datasheet
848Kb / 21P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com