Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1404 Datasheet (PDF) - IET Labs Inc.

1404 Datasheet PDF - IET Labs Inc.
Part # 1404
Download  1404 Download
File Size   169.49 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Primary Standard Capacitor

1404 Datasheet (PDF)

Go To PDF Page Download Datasheet
1404 Datasheet PDF - IET Labs Inc.

Part # 1404
Download  1404 Click to download

File Size   169.49 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description Primary Standard Capacitor

1404 Datasheet (HTML) - IET Labs Inc.


1404 Product details

Features:
NEW 5 nF and 10 nF now available
A national laboratory standard
For calibrating working standards
Standard for dissipation factor
Available in 10, 100 and 1000 pF
20 ppm/year stability, typically better
Hermetically sealed in dry nitrogen




Similar Part No. - 1404

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
1404 ADAFRUIT-1404 Datasheet
115Kb / 2P
It looks like a servo
2/23/2015
logo
Toshiba Semiconductor
1404-000002 TOSHIBA-1404-000002 Datasheet
5Mb / 70P
COLOUR TELEVISION
1404-001045 TOSHIBA-1404-001045 Datasheet
5Mb / 70P
COLOUR TELEVISION
logo
List of Unclassifed Man...
1404-1 ETC2-1404-1 Datasheet
430Kb / 1P
MICRO PINS
1404-2 ETC2-1404-2 Datasheet
430Kb / 1P
MICRO PINS
More results


Similar Description - 1404

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4990 STMICROELECTRONICS-L4990 Datasheet
322Kb / 24P
PRIMARY CONTROLLER
Jul-1999
VIPER20 STMICROELECTRONICS-VIPER20 Datasheet
179Kb / 25P
SMPS PRIMARY I.C.
Jul-2002
VIPER20B STMICROELECTRONICS-VIPER20B Datasheet
151Kb / 17P
SMPS PRIMARY I.C.
Sep-1999
VIPER20-E STMICROELECTRONICS-VIPER20-E Datasheet
319Kb / 31P
SMPS PRIMARY I.C.
27-Sep-2005
logo
Suntan Capacitors
TS22 SUNTAN-TS22 Datasheet
260Kb / 1P
SAFETY STANDARD RECOGNIZED CAPACITOR - Y
logo
Murata Manufacturing Co...
DSS9NT31H223Q55B MURATA-DSS9NT31H223Q55B Datasheet
129Kb / 4P
Leaded EMIFIL (Three-terminal Capacitor type) Standard Type
logo
Suntan Capacitors
TS22 SUNTAN-TS22_17 Datasheet
127Kb / 1P
SAFETY STANDARD RECOGNIZED CAPACITOR - Y
logo
ON Semiconductor
NCP11377 ONSEMI-NCP11377 Datasheet
562Kb / 30P
High Voltage Primary Side High Voltage Primary Side
January, 2018 ??Rev. P2
logo
List of Unclassifed Man...
KC472M ETC2-KC472M Datasheet
201Kb / 6P
Safety Standard Recognized Ceramic Capacitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com