Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HARS Datasheet (PDF) - IET Labs Inc.

HARS Datasheet PDF - IET Labs Inc.
Part # HARS
Download  HARS Download
File Size   309.35 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description High Accuracy Decade Resistance Substituter

HARS Datasheet (PDF)

Go To PDF Page Download Datasheet
HARS Datasheet PDF - IET Labs Inc.

Part # HARS
Download  HARS Click to download

File Size   309.35 Kbytes
Page   2 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description High Accuracy Decade Resistance Substituter

HARS Datasheet (HTML) - IET Labs Inc.


HARS Product details

Features:
• Resistance from 1 mΩ to 111 MΩ
• Available in double-power version: HARS-X2
• Wide choice: single through 11 decade units
• High-accuracy: 0.01% (100 ppm)
• Very low zero-resistance: <1 mΩ per decade
• High-performance solid silver-alloy switches
• Low temperature coeffi cient: 5 ppm/°C
• Non-induc ve or low-inductance resistors
• Rack moun ng available
• Special and custom confi gura ons available




Similar Part No. - HARS

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
HARS-LX IET-HARS-LX Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HARS-LX-1-0.001 IET-HARS-LX-1-0.001 Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HARS-LX-1-0.01 IET-HARS-LX-1-0.01 Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HARS-LX-1-0.1 IET-HARS-LX-1-0.1 Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HARS-LX-1-1 IET-HARS-LX-1-1 Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
More results


Similar Description - HARS

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
HACS-Z IET-HACS-Z Datasheet
353Kb / 4P
High Accuracy Capacitance Substituter
8-20-2015
HARS-LX IET-HARS-LX Datasheet
770Kb / 3P
Laboratory Standard Decade Resistance Substituter
05.20.2014
HPRS IET-HPRS Datasheet
376Kb / 2P
High Power Decade Resistance Substituter
Sept. 2018
HRRS IET-HRRS Datasheet
214Kb / 2P
High-Resistance Decade Substituter
Dec 2015
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
PRS-370 IET-PRS-370 Datasheet
580Kb / 4P
Self-Adjusting Programmable Resistance Decade Substituter
March 2020
PRS IET-PRS Datasheet
491Kb / 5P
Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
SRR IET-SRR Datasheet
99Kb / 1P
High Accuracy Standard Resistance
October 9 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com