Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48392 Datasheet (PDF) - Molex Electronics Ltd.

48392 Datasheet PDF - Molex Electronics Ltd.
Part # 48392
Download  48392 Download
File Size   2360.52 Kbytes
Page   5 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description USB 3.0 Connectors and Cable Assemblies

48392 Datasheet (PDF)

Go To PDF Page Download Datasheet
48392 Datasheet PDF - Molex Electronics Ltd.

Part # 48392
Download  48392 Click to download

File Size   2360.52 Kbytes
Page   5 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description USB 3.0 Connectors and Cable Assemblies

48392 Datasheet (HTML) - Molex Electronics Ltd.


48392 Product details

High-Durability Class USB 3.0 connectors and cable
assemblies provide robust connectivity to support highspeed
computing, consumer and automotive applications




Similar Part No. - 48392

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
4839 KEYSTONE-4839 Datasheet
230Kb / 1P
NYLON M/F HEX STANDOFF
4.10.96
4839 KEYSTONE-4839 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Adafruit Industries
4839 ADAFRUIT-4839 Datasheet
149Kb / 2P
Ultra-Flexible White LED Strip - 480 LEDs per meter - 5m long - Cool White ~6500K
12-12-22
logo
Vicor Corporation
483974 VICOR-483974 Datasheet
626Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
More results


Similar Description - 48392

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79516-1021 MOLEX-79516-1021 Datasheet
326Kb / 2P
Micro-Fit 3.0??Overmolded Cable Assemblies
logo
Dubilier
DBCUSB2AA3M DUBILIER-DBCUSB2AA3M Datasheet
81Kb / 1P
cable assemblies USB 2.0 Moulded Leads
logo
Tyco Electronics
1932258-1 MACOM-1932258-1 Datasheet
1Mb / 4P
USB 3.0 Connectors
logo
Dubilier
DBCUSB2AA3M DUBILIER-DBCUSB2AA3M_11 Datasheet
144Kb / 1P
CABLE ASSEMBLIES USB 2.0 MOULDED LEADS
logo
Assmann Electronics Inc...
AK-300116-010-S ASSMANN-AK-300116-010-S Datasheet
117Kb / 1P
USB 3.0 A/M - MICRO USB 3.0 B/M CABLE
AK-300116-018-S ASSMANN-AK-300116-018-S Datasheet
116Kb / 1P
USB 3.0 A/M - MICRO USB 3.0 B/M CABLE
logo
Bel Fuse Inc.
67U2AC-003-K BEL-67U2AC-003-K Datasheet
561Kb / 2P
IP67 USB Type-A Cable Assemblies
logo
Coolgear Inc.
51220173 COOLGEAR-51220173 Datasheet
651Kb / 1P
USB 3.0 CABLE
Rev A
51220179 COOLGEAR-51220179 Datasheet
672Kb / 1P
MICRO USB 3.0 CABLE
Rev B
logo
Bel Fuse Inc.
SS-52100-001 BEL-SS-52100-001_V01 Datasheet
524Kb / 1P
USB 2.0 and 3.0 Connectors
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com