Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84J-B10 Datasheet (PDF) - Nexperia B.V. All rights reserved

BZX84J-B10 Datasheet PDF - Nexperia B.V. All rights reserved
Part # BZX84J-B10
Download  BZX84J-B10 Download
File Size   988.38 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single Zener diodes

BZX84J-B10 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84J-B10 Datasheet PDF - Nexperia B.V. All rights reserved

Part # BZX84J-B10
Download  BZX84J-B10 Click to download

File Size   988.38 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single Zener diodes

BZX84J-B10 Datasheet (HTML) - Nexperia B.V. All rights reserved


BZX84J-B10 Product details

1.1 General description
General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead
Surface-Mounted Device (SMD) plastic package.
1.2 Features and benefits
1.3 Applications
 General regulation functions
 Non-repetitive peak reverse power
dissipation:  40 W
 Wide working voltage range: nominal
2.4 V to 75 V (E24 range)
 Total power dissipation:  550 mW  Two tolerance series: 2 % and 5 %
 AEC-Q101 qualified  Low differential resistance
 Small plastic package suitable for
surface-mounted design




Similar Part No. - BZX84J-B10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84J-B10 PHILIPS-BZX84J-B10 Datasheet
75Kb / 12P
Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B10 NXP-BZX84J-B10 Datasheet
166Kb / 13P
General-purpose Zener diodes in a SOD323F (SC-90) very small and flat lead Surface-Mounted Device (SMD) plastic package
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
BZX84J-B10-Q NEXPERIA-BZX84J-B10-Q Datasheet
310Kb / 13P
Zener voltage regulator diodes
Rev. 1 26 September 2024
More results


Similar Description - BZX84J-B10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
Single Zener diodes
Rev. 01-1 March 2007
NZX NXP-NZX Datasheet
67Kb / 12P
Single Zener diodes
Rev. 02-3 June 2009
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
Single Zener diodes
Rev. 2-1 August 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
Single Zener diodes
Rev. 2-1 August 2011
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
Single Zener diodes
Rev. 4-28 November 2011
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
Single Zener diodes
Rev. 4-28 November 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
Single Zener diodes
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
Single Zener diodes
Rev. 01 - 27 January 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com