Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD5V0S2BT Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD5V0S2BT Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD5V0S2BT
Download  PESD5V0S2BT Download
File Size   210.58 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance bidirectional double ESD protection diode

PESD5V0S2BT Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD5V0S2BT Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD5V0S2BT
Download  PESD5V0S2BT Click to download

File Size   210.58 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance bidirectional double ESD protection diode

PESD5V0S2BT Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD5V0S2BT Product details

1. General description
Low capacitance bidirectional double ElectroStatic Discharge (ESD) protection diode in a small
SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package designed to protect two data
lines from the damage caused by ESD and other transients.
2. Features and benefits
• Bidirectional ESD protection of two lines
• Low diode capacitance
• Max. peak pulse power: PPPM = 130 W at tp = 8/20 μs
• Low clamping voltage: VCL = 14 V at IPPM = 12 A
• Ultra low leakage current: IRM = 5 nA at VRWM = 5 V
• ESD protection up to 30 kV
• IEC 61000-4-2; level 4 (ESD)
• IEC 61000-4-5 (surge); IPPM = 12 A at tp = 8/20 μs
• AEC-Q101 qualified
3. Applications
• Cellular handsets and accessories
• Portable electronics
• Computers and peripherals
• Communication systems
• Audio and video equipment




Similar Part No. - PESD5V0S2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0S2BT PHILIPS-PESD5V0S2BT Datasheet
74Kb / 11P
Low capacitance bi-directional double ESD protection diode in SOT23 package
Rev. 02-27 May 2004
PESD5V0S2BT NXP-PESD5V0S2BT Datasheet
91Kb / 12P
Low capacitance bidirectional double ESD protection diode
Rev. 03-9 February 2009
logo
Guangdong Youtai Semico...
PESD5V0S2BT UMW-PESD5V0S2BT Datasheet
621Kb / 4P
300 W peak pulse power (tp = 8/20μs)
logo
Nexperia B.V. All right...
PESD5V0S2BT-Q NEXPERIA-PESD5V0S2BT-Q Datasheet
228Kb / 12P
Low capacitance bidirectional double ESD protection diode
24 April 2023
More results


Similar Description - PESD5V0S2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0S2BT NXP-PESD5V0S2BT Datasheet
91Kb / 12P
Low capacitance bidirectional double ESD protection diode
Rev. 03-9 February 2009
PESD5V0U2BT NXP-PESD5V0U2BT Datasheet
78Kb / 11P
Ultra low capacitance bidirectional double ESD protection diode
Rev. 01-27 March 2007
PESD5V0U2BT PHILIPS-PESD5V0U2BT Datasheet
78Kb / 11P
Ultra low capacitance bidirectional double ESD protection diode
Rev. 01-27 March 2007
logo
Nexperia B.V. All right...
PESD3V3V1BL NEXPERIA-PESD3V3V1BL Datasheet
251Kb / 13P
Low capacitance bidirectional ESD protection diode
logo
AiT Semiconductor Inc.
PESD5V0S1BL AITSEMI-PESD5V0S1BL Datasheet
302Kb / 5P
ESD PROTECTION DIODE LOW CAPACITANCE BIDIRECTIONAL ESD PROTECTION DIODE
REV1.0
logo
Nexperia B.V. All right...
PESD5V0U2BT-Q NEXPERIA-PESD5V0U2BT-Q Datasheet
216Kb / 11P
Ultra low capacitance bidirectional double ESD protection diode
29 August 2022
PESD15VL2BT-Q NEXPERIA-PESD15VL2BT-Q Datasheet
233Kb / 11P
Low capacitance double bidirectional ESD protection diode
3 May 2022
PESD3V3L2BT-Q NEXPERIA-PESD3V3L2BT-Q Datasheet
235Kb / 10P
Low capacitance double bidirectional ESD protection diode in SOT23
19 May 2023
PESD5V0S2BT-Q NEXPERIA-PESD5V0S2BT-Q Datasheet
228Kb / 12P
Low capacitance bidirectional double ESD protection diode
24 April 2023
PESD5V0U2BT NEXPERIA-PESD5V0U2BT Datasheet
215Kb / 11P
Ultra low capacitance bidirectional double ESD protection diode
17 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com