Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMEG2005ELD Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG2005ELD Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG2005ELD
Download  PMEG2005ELD Download
File Size   1354.73 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 0.5 A low VF MEGA Schottky barrier rectifier

PMEG2005ELD Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG2005ELD Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG2005ELD
Download  PMEG2005ELD Click to download

File Size   1354.73 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 0.5 A low VF MEGA Schottky barrier rectifier

PMEG2005ELD Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG2005ELD Product details

1.1 General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an
integrated guard ring for stress protection, encapsulated in a SOD882D leadless ultra
small Surface-Mounted Device (SMD) plastic package with visible and solderable side
pads.
1.2 Features and benefits
1.3 Applications
Low voltage rectification
High efficiency DC-to-DC conversion
Switch Mode Power Supply (SMPS)
Reverse polarity protection
Low power consumption applications
Ultra high-speed switching
Forward current: IF ≤ 0.5 A AEC-Q101 qualified
Reverse voltage: VR ≤ 20 V Solderable side pads
Low forward voltage: VF ≤ 500 mV Package height typ. 0.37 mm
Low reverse current Ultra small and leadless SMD plastic
package




Similar Part No. - PMEG2005ELD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005ELD NXP-PMEG2005ELD Datasheet
793Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier Low reverse current
Rev. 1-4 May 2011
PMEG2005ELD PHILIPS-PMEG2005ELD_15 Datasheet
793Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-4 May 2011
More results


Similar Description - PMEG2005ELD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005EPK PHILIPS-PMEG2005EPK Datasheet
1Mb / 13P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-12 January 2012
PMEG2005BELD PHILIPS-PMEG2005BELD_15 Datasheet
210Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
4 August 2015
PMEG2005EPK PHILIPS-PMEG2005EPK_15 Datasheet
1Mb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2-14 March 2012
PMEG2005ESF PHILIPS-PMEG2005ESF_15 Datasheet
194Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
logo
Nexperia B.V. All right...
PMEG2005EGW NEXPERIA-PMEG2005EGW Datasheet
682Kb / 12P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG2005AESF NEXPERIA-PMEG2005AESF Datasheet
690Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
PMEG2005ESF NEXPERIA-PMEG2005ESF Datasheet
704Kb / 14P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PMEG2005EGW-Q NEXPERIA-PMEG2005EGW-Q Datasheet
220Kb / 11P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
10 August 2022
PMEG2005BELD-Q NEXPERIA-PMEG2005BELD-Q Datasheet
243Kb / 12P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
17 May 2021
PMEG2005EPK NEXPERIA-PMEG2005EPK Datasheet
1Mb / 15P
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 14 March 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com