Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT163827A Datasheet (PDF) - Renesas Technology Corp

74FCT163827A Datasheet PDF - Renesas Technology Corp
Part # 74FCT163827A
Download  74FCT163827A Download
File Size   267.81 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS 20-BIT BUFFER

74FCT163827A Datasheet (PDF)

Go To PDF Page Download Datasheet
74FCT163827A Datasheet PDF - Renesas Technology Corp

Part # 74FCT163827A
Download  74FCT163827A Click to download

File Size   267.81 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS 20-BIT BUFFER

74FCT163827A Datasheet (HTML) - Renesas Technology Corp


74FCT163827A Product details

FEATURES:
• 0.5 MICRON CMOS Technology
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• VCC = 3.3V ± 0.3V, Normal Range, or VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4μ W typ. static)
• Rail-to-rail output swing for increased noise margin
• Low Ground Bounce (0.3V typ.)
• Inputs (except I/O) can be driven by 3.3V or 5V components
• Available in TSSOP package




Similar Part No. - 74FCT163827A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT163827APAG IDT-74FCT163827APAG Datasheet
85Kb / 7P
3.3V CMOS 20-BIT BUFFER
74FCT163827APAG8 IDT-74FCT163827APAG8 Datasheet
85Kb / 7P
3.3V CMOS 20-BIT BUFFER
More results


Similar Description - 74FCT163827A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163827A IDT-IDT74FCT163827A Datasheet
85Kb / 7P
3.3V CMOS 20-BIT BUFFER
IDT74ALVC16244A IDT-IDT74ALVC16244A_09 Datasheet
84Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVC16244A IDT-IDT74ALVC16244A_16 Datasheet
93Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74ALVCH16244 IDT-IDT74ALVCH16244_16 Datasheet
106Kb / 7P
3.3V CMOS 32-BIT BUFFER/ DRIVER
IDT74ALVCH32244 IDT-IDT74ALVCH32244_15 Datasheet
106Kb / 7P
3.3V CMOS 32-BIT BUFFER/ DRIVER
IDT74ALVCH162244 IDT-IDT74ALVCH162244_16 Datasheet
96Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVC16244A IDT-IDT74LVC16244A_15 Datasheet
107Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVC162244A IDT-IDT74LVC162244A_15 Datasheet
107Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74LVCH16244A IDT-IDT74LVCH16244A_15 Datasheet
224Kb / 6P
3.3V CMOS 16-BIT BUFFER/DRIVER
IDT74FCT163827A IDT-IDT74FCT163827A_18 Datasheet
85Kb / 7P
3.3V CMOS 20-BIT BUFFER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com