Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70P247L55BYGI Datasheet (PDF) - Renesas Technology Corp

70P247L55BYGI Datasheet PDF - Renesas Technology Corp
Part # 70P247L55BYGI
Download  70P247L55BYGI Download
File Size   463.75 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM

70P247L55BYGI Datasheet (PDF)

Go To PDF Page Download Datasheet
70P247L55BYGI Datasheet PDF - Renesas Technology Corp

Part # 70P247L55BYGI
Download  70P247L55BYGI Click to download

File Size   463.75 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM

70P247L55BYGI Datasheet (HTML) - Renesas Technology Corp


70P247L55BYGI Product details

Features
◆ True Dual-Ported memory cells which allow simultaneous
reads of the same memory location
◆ High-speed access
– Industrial: 55ns (max.)
◆ Low-power operation
IDT70P257/247L
Active: 27mW (typ.)
Standby: 3.6μW (typ.)
◆ Separate upper-byte and lower-byte control for multiplexed
bus compatibility
◆ IDT70P257/247 easily expands data bus width to 32 bits or
more using the Master/Slave select when cascading more
than one device




Similar Part No. - 70P247L55BYGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70P247L55BYGI IDT-70P247L55BYGI Datasheet
169Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
More results


Similar Description - 70P247L55BYGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P258 IDT-IDT70P258 Datasheet
351Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
IDT70P257 IDT-IDT70P257 Datasheet
295Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70P257 IDT-IDT70P257_09 Datasheet
169Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
IDT70P258 IDT-IDT70P258_09 Datasheet
174Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P256 RENESAS-IDT70P256 Datasheet
465Kb / 24P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
IDT70P258 RENESAS-IDT70P258 Datasheet
360Kb / 24P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com