Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT70V9189 Datasheet (PDF) - Renesas Technology Corp

IDT70V9189 Datasheet PDF - Renesas Technology Corp
Part # IDT70V9189
Download  IDT70V9189 Download
File Size   513.85 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM

IDT70V9189 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT70V9189 Datasheet PDF - Renesas Technology Corp

Part # IDT70V9189
Download  IDT70V9189 Click to download

File Size   513.85 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM

IDT70V9189 Datasheet (HTML) - Renesas Technology Corp


IDT70V9189 Product details

Features:
◆ True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆ High-speed clock to data access
– Commercial: 6.5/7.5/9/12ns (max.)
– Industrial: 9ns (max.)
◆ Low-power operation
– IDT70V9189/79L
Active: 500mW (typ.)
Standby: 1.5mW (typ.)
◆ Flow-Through or Pipelined output mode on either port via
the FT/PIPE pins
◆ Counter enable and reset features




Similar Part No. - IDT70V9189

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9189L12PFI IDT-IDT70V9189L12PFI Datasheet
305Kb / 17P
HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9189L6PFI IDT-IDT70V9189L6PFI Datasheet
305Kb / 17P
HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9189L7PFI IDT-IDT70V9189L7PFI Datasheet
305Kb / 17P
HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9189L9PFI IDT-IDT70V9189L9PFI Datasheet
305Kb / 17P
HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Similar Description - IDT70V9189

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709179L IDT-IDT709179L Datasheet
179Kb / 15P
HIGH-SPEED 32K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9179 IDT-IDT70V9179 Datasheet
181Kb / 15P
HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9179 RENESAS-70V9179 Datasheet
286Kb / 18P
HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Feb.18.20
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com