Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71V67602 Datasheet (PDF) - Renesas Technology Corp

IDT71V67602 Datasheet PDF - Renesas Technology Corp
Part # IDT71V67602
Download  IDT71V67602 Download
File Size   540.13 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect

IDT71V67602 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT71V67602 Datasheet PDF - Renesas Technology Corp

Part # IDT71V67602
Download  IDT71V67602 Click to download

File Size   540.13 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect

IDT71V67602 Datasheet (HTML) - Renesas Technology Corp


IDT71V67602 Product details

Features
◆ 256K x 36, 512K x 18 memory configurations
◆ Supports high system speed:
– 166MHz 3.5ns clock access time
– 150MHz 3.8ns clock access time
– 133MHz 4.2ns clock access time
◆ LBO input selects interleaved or linear burst mode
◆ Self-timed write cycle with global write control (GW), byte
write enable (BWE), and byte writes (BWx)
◆ 3.3V core power supply
◆ Power down controlled by ZZ input
◆ 2.5V I/O supply (VDDQ)
◆ Packaged in a JEDEC Standard 100-pin plastic thin quad
flatpack (TQFP), 119 ball grid array (BGA) and 165 fine pitch
ball grid array.




Similar Part No. - IDT71V67602

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V67602 IDT-IDT71V67602 Datasheet
975Kb / 22P
256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V67602S133BG IDT-IDT71V67602S133BG Datasheet
975Kb / 22P
256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V67602S133BGI IDT-IDT71V67602S133BGI Datasheet
975Kb / 22P
256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V67602S133BQ IDT-IDT71V67602S133BQ Datasheet
975Kb / 22P
256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V67602S133BQI IDT-IDT71V67602S133BQI Datasheet
975Kb / 22P
256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
More results


Similar Description - IDT71V67602

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V67602 IDT-IDT71V67602 Datasheet
975Kb / 22P
256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71V67803 IDT-IDT71V67803 Datasheet
986Kb / 23P
256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V3576S IDT-IDT71V3576S Datasheet
288Kb / 22P
128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V67702 IDT-IDT71V67702 Datasheet
514Kb / 23P
256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
IDT71V25761 IDT-IDT71V25761 Datasheet
513Kb / 23P
128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71V67603S150PFI IDT-IDT71V67603S150PFI Datasheet
430Kb / 23P
256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
IDT71V67603S150PFI8 IDT-IDT71V67603S150PFI8 Datasheet
430Kb / 23P
256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
logo
Renesas Technology Corp
71V67603 RENESAS-71V67603 Datasheet
302Kb / 23P
256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Pipelined Outputs, Single Cycle Deselect
Sep.13.21
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com