Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7470 Datasheet (PDF) - Maxim Integrated Products

MAX7470 Datasheet PDF - Maxim Integrated Products
Part # MAX7470
Download  MAX7470 Download
File Size   803.0 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description HDTV Continuously Variable Anti-Aliasing Filters

MAX7470 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7470 Datasheet PDF - Maxim Integrated Products

Part # MAX7470
Download  MAX7470 Click to download

File Size   803.0 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description HDTV Continuously Variable Anti-Aliasing Filters

MAX7470 Datasheet (HTML) - Maxim Integrated Products


MAX7470 Product details

General Description
The MAX7469/MAX7470 triple-channel, anti-aliasing filters and buffers are ideal for high-definition (HD) and standard-definition (SD) television (TV) applications. Compatible with 1080i, 720p, 480p, and 480i scanning system standards and computer format signals, the MAX7469/MAX7470 support component video (Y Pb Pr, GsBR, and RGBHV), as well as composite (CVBS) and S-video (Y/C).
The MAX7469/MAX7470 limit the input bandwidth for anti-aliasing and out-of-band noise reduction prior to digital conversion by an ADC or video decoder. The MAX7469/MAX7470 frequency response can be continuously varied in 256 linear steps through an I2C interface from below SD resolution to beyond HD resolution.

Features
♦ Continuously Variable Anti-Aliasing Filter
   5MHz to 34MHz in 256 Steps
♦ Supports All Standard Video and Computer Input
   Formats
   480i, 480p, 720p, 1080i
   QVGA, VGA, SVGA, XGA, SXGA, UXGA
   Y Pb Pr, GsBR, RGBHV, Y/C, CVBS
♦ Accepts Any Input Sync Format
   Sync on Y, Sync on G, External Sync (Positive
   or Negative)
   Sync on All Channels
♦ Buffered Outputs Drive Standard 150Ω Video
   Load
   0dB (MAX7469)
   +6dB (MAX7470)
♦ DC- or AC-Coupled Outputs
♦ Single +5V Analog and +3.3V Digital Supplies
♦ 5mW Power-Down Mode
♦ 20-Pin TQFN Lead-Free Package

Applications
   HDTV (LCD, PDP, DLP, CRT)
   Set-Top Boxes
   Personal Video Recorders
   Home Theaters




Similar Part No. - MAX7470

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7470UTP MAXIM-MAX7470UTP Datasheet
289Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
19-0548; Rev 1; 4/07
More results


Similar Description - MAX7470

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
MAX7472 MINILOGIC-MAX7472 Datasheet
277Kb / 19P
HDTV Anti-Aliasing Filters with Triple-Input Mux
logo
KR Electronics, Inc.
2403 KR-2403 Datasheet
25Kb / 2P
HDTV ANTI-ALIASING FILTER
2404 KR-2404 Datasheet
25Kb / 2P
HDTV ANTI-ALIASING FILTER
2405 KR-2405 Datasheet
24Kb / 2P
HDTV ANTI-ALIASING FILTER
logo
Maxim Integrated Produc...
MAX7469 MAXIM-MAX7469_07 Datasheet
289Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
19-0548; Rev 1; 4/07
logo
Hittite Microwave Corpo...
HMC1023LP5E HITTITE-HMC1023LP5E Datasheet
2Mb / 30P
Anti-aliasing and reconstruction filters
logo
Frequency Devices, Inc.
D92 FREQUENCYDEVICES-D92 Datasheet
206Kb / 5P
2 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
D94 FREQUENCYDEVICES-D94 Datasheet
201Kb / 5P
4 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
D98 FREQUENCYDEVICES-D98 Datasheet
202Kb / 5P
8 Pole Single Power Supply Anti-Aliasing Low-Pass Filters
logo
Faraday Technology
FL1311 FARADAY-FL1311 Datasheet
13Kb / 2P
ANTI-ALIASING PRE FILTER
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com