Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V201 Datasheet (PDF) - Renesas Technology Corp

IDT72V201 Datasheet PDF - Renesas Technology Corp
Part # IDT72V201
Download  IDT72V201 Download
File Size   349.21 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS SyncFIFO™

IDT72V201 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72V201 Datasheet PDF - Renesas Technology Corp

Part # IDT72V201
Download  IDT72V201 Click to download

File Size   349.21 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT CMOS SyncFIFO™

IDT72V201 Datasheet (HTML) - Renesas Technology Corp


IDT72V201 Product details

FEATURES:
• 256 x 9-bit organization IDT72V201
• 512 x 9-bit organization IDT72V211
• 1,024 x 9-bit organization IDT72V221
• 2,048 x 9-bit organization IDT72V231
• 4,096 x 9-bit organization IDT72V241
• 8,192 x 9-bit organization IDT72V251
• 10 ns read/write cycle time
• 5V input tolerant
• Read and Write clocks can be independent
• Dual-Ported zero fall-through time architecture
• Empty and Full Flags signal FIFO status
• Programmable Almost-Empty and Almost-Full flags can be set to
any depth
• Programmable Almost-Empty and Almost-Full flags default to
Empty+7, and Full-7, respectively
• Output Enable puts output data bus in high-impedance state
• Advanced submicron CMOS technology
• Available in 32-pin plastic leaded chip carrier (PLCC) and 32-pin
plastic Thin Quad FlatPack (TQFP)
• Industrial temperature range (–40°C to +85°C) is available
• Green parts available, see ordering information




Similar Part No. - IDT72V201

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V201 IDT-IDT72V201 Datasheet
285Kb / 14P
3.3 VOLT CMOS SyncFIFO
IDT72V201L10 IDT-IDT72V201L10 Datasheet
115Kb / 14P
3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V201L10J IDT-IDT72V201L10J Datasheet
115Kb / 14P
3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V201L10JI IDT-IDT72V201L10JI Datasheet
115Kb / 14P
3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
More results


Similar Description - IDT72V201

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
3.3 VOLT DUAL CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
3.3 VOLT CMOS SyncFIFO
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
3.3 VOLT CMOS SyncFIFO WITH
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
3.3 VOLT CMOS SyncFIFO
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com