Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72V81 Datasheet (PDF) - Renesas Technology Corp

IDT72V81 Datasheet PDF - Renesas Technology Corp
Part # IDT72V81
Download  IDT72V81 Download
File Size   274.16 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO

IDT72V81 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72V81 Datasheet PDF - Renesas Technology Corp

Part # IDT72V81
Download  IDT72V81 Click to download

File Size   274.16 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO

IDT72V81 Datasheet (HTML) - Renesas Technology Corp


IDT72V81 Product details

FEATURES:
• The IDT72V81 is equivalent to two IDT72V01 - 512 x 9 FIFOs
• The IDT72V82 is equivalent to two IDT72V02 - 1,024 x 9 FIFOs
• The IDT72V83 is equivalent to two IDT72V03 - 2,048 x 9 FIFOs
• The IDT72V84 is equivalent to two IDT72V04 - 4,096 x 9 FIFOs
• The IDT72V85 is equivalent to two IDT72V05 - 8,192 x 9 FIFOs
• Low power consumption
— Active: 330 mW (max.)
— Power-down: 18 mW (max.)
• Ultra high speed—15 ns access time
• Asynchronous and simultaneous read and write
• Offers optimal combination of data capacity, small foot print
and functional flexibility
• Ideal for bidirectional, width expansion, depth expansion, busmatching,
and data sorting applications
• Status Flags: Empty, Half-Full, Full
• Auto-retransmit capability
• High-performance CMOS™ technology
• Space-saving TSSOP package
• Industrial temperature range (–40°C to +85°C) is available
• Green parts available, see ordering information




Similar Part No. - IDT72V81

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81 Datasheet
140Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81 Datasheet
125Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT72V81 IDT-IDT72V81 Datasheet
290Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81 Datasheet
100Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
More results


Similar Description - IDT72V81

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
3.3 VOLT CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
3.3 VOLT CMOS SuperSync FIFO
IDT72V81 IDT-IDT72V81_06 Datasheet
140Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
3.3 VOLT CMOS SuperSync FIFO
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com