Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG403W Datasheet (PDF) - NXP Semiconductors

BFG403W Datasheet PDF - NXP Semiconductors
Part # BFG403W
Download  BFG403W Download
File Size   106.97 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 17 GHz wideband transistor

BFG403W Datasheet (PDF)

Go To PDF Page Download Datasheet
BFG403W Datasheet PDF - NXP Semiconductors

Part # BFG403W
Download  BFG403W Click to download

File Size   106.97 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 17 GHz wideband transistor

BFG403W Datasheet (HTML) - NXP Semiconductors


BFG403W Product details

DESCRIPTION
NPN double polysilicon wideband transistor with buried layer for low voltage applications in a plastic, 4-pin dual-emitter SOT343R package.

FEATURES
• Low current
• Very high power gain
• Low noise figure
• High transition frequency
• Very low feedback capacitance.

APPLICATIONS
• Pager front ends
• RF front end
• Wideband applications, e.g. analog and digital cellular telephones, cordless telephones (PHS, DECT, etc.)
• Radar detectors.




Similar Part No. - BFG403W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG403W NXP-BFG403W Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFG403W PHILIPS-BFG403W_15 Datasheet
399Kb / 13P
NPN 17 GHz wideband transistor
1998 Mar 11
logo
Quanzhou Jinmei Electro...
BFG403W JMNIC-BFG403W_15 Datasheet
92Kb / 12P
NPN 17 GHz wideband transistor
BFG403W_2015 JMNIC-BFG403W_2015 Datasheet
92Kb / 12P
NPN 17 GHz wideband transistor
More results


Similar Description - BFG403W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BFG197 PHILIPS-BFG197 Datasheet
93Kb / 13P
NPN 7 GHz wideband transistor
1995 Sep 13
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BFG65 PHILIPS-BFG65 Datasheet
476Kb / 9P
NPN 8 GHz wideband transistor
November 1992
BFG424W PHILIPS-BFG424W Datasheet
101Kb / 13P
NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
BFS540 NXP-BFS540_00 Datasheet
118Kb / 12P
NPN 9 GHz wideband transistor
2000 May 30
logo
Quanzhou Jinmei Electro...
BFG403W_2015 JMNIC-BFG403W_2015 Datasheet
92Kb / 12P
NPN 17 GHz wideband transistor
logo
NXP Semiconductors
BFG403W PHILIPS-BFG403W_15 Datasheet
399Kb / 13P
NPN 17 GHz wideband transistor
1998 Mar 11
logo
Quanzhou Jinmei Electro...
BFG403W JMNIC-BFG403W_15 Datasheet
92Kb / 12P
NPN 17 GHz wideband transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com