Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N784-H01-STMM Datasheet (PDF) - Tripp Lite. All Rights Reserved

N784-H01-STMM Datasheet PDF - Tripp Lite. All Rights Reserved
Part # N784-H01-STMM
Download  N784-H01-STMM Download
File Size   46.41 Kbytes
Page   4 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Hardened Copper to Fiber Media Converter - 10/100 Mbps, RJ45/ST Multimode, -10° to 60°C, 2 km (1.2 mi.)

N784-H01-STMM Datasheet (PDF)

Go To PDF Page Download Datasheet
N784-H01-STMM Datasheet PDF - Tripp Lite. All Rights Reserved

Part # N784-H01-STMM
Download  N784-H01-STMM Click to download

File Size   46.41 Kbytes
Page   4 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Hardened Copper to Fiber Media Converter - 10/100 Mbps, RJ45/ST Multimode, -10° to 60°C, 2 km (1.2 mi.)

N784-H01-STMM Datasheet (HTML) - Tripp Lite. All Rights Reserved


N784-H01-STMM Product details

Features
Extends a Network Connection up to 2 km over ST Multimode Fiber Optic Cable
This network media converter converts a copper Ethernet signal to a multimode fiber optic signal and extends it to a second network device up to two kilometers (1.2 miles) away. Because copper Cat5e/6 cables are limited to only 100 meters, it is more effective to couple the N784-H01-STMM with multimode fiber cable to reach hubs, switches and other 10/100Base-TX/FX network devices located farther away. Auto-negotiation and automatic MDI/MDI-X configuration seamlessly connect devices without crossover cabling. Monitor Your Installation with Link Fault Signaling and Loop Back Functions Determine the health of your network connection via the Link Fault Signaling (LFS) and Loop Back functions. The LFS LED indicates when a copper or fiber cable has been severed or another cause of disruption in service has occurred. The Local Loop Back (LLB) and Remote Loop Back (RLB) functions ensure copper and fiber cables have been correctly installed. Use the DIP switches to control each function or turn them on or off. LEDs Indicate Installation Performance and Diagnostic Functions Easy-to-read LEDs on the side of the unit indicate essential status information, including network speed and connection, LFS diagnostics and unit power.
Protective Metal Housing Built to Withstand a Variety of Hazards The hardened aluminum case is designed to operate in extreme temperatures ranging from -10 to 60 degrees Celsius (14 to 140 degrees Fahrenheit). It is protected from electrostatic discharge (ESD), radio frequency interference (RFI) and power surges. Hardware is included for wall or DIN mounting. Works in Tandem with Tripp Lite’s N785-CH12 Chassis House and power up to 12 Tripp Lite media converters, including the N784-H01-STMM, using the N785-CH12 12-port chassis (sold separately) to create an organized installation. TAA-Compliant for GSA Schedule Purchases The N784-H01-STMM is compliant with the Federal Trade Agreements Act (TAA), which makes it eligible for GSA (General Services Administration) Schedule and other federal procurement contracts.




Similar Part No. - N784-H01-STMM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N784-H01-STMM TRIPPLITE-N784-H01-STMM Datasheet
168Kb / 4P
Hardened Copper to Fiber Media Converter -10/100 Mbps, RJ45/ST Multimode, -10° to 60°C, 2km (1.2 mi.)
More results


Similar Description - N784-H01-STMM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N784-001-ST TRIPPLITE-N784-001-ST Datasheet
167Kb / 3P
Gigabit Multimode Fiber to Ethernet Media Converter, 10/100BaseT to 100BaseFX-ST, 2km, 1310nm
N784-H01-SCMM TRIPPLITE-N784-H01-SCMM Datasheet
169Kb / 4P
Hardened Copper to Fiber Media Converter -10/100 Mbps, RJ45/SC Multimode, -10° to 60°C, 2km (1.2 mi.)
N784-H01-STMM TRIPPLITE-N784-H01-STMM Datasheet
168Kb / 4P
Hardened Copper to Fiber Media Converter -10/100 Mbps, RJ45/ST Multimode, -10° to 60°C, 2km (1.2 mi.)
N784-H01-SCMM TRIPPLITE-N784-H01-SCMM_V01 Datasheet
47Kb / 4P
Hardened Copper to Fiber Media Converter - 10/100 Mbps, RJ45/SC Multimode, -10° to 60°C, 2 km (1.2 mi.)
N784-H01-SCSM TRIPPLITE-N784-H01-SCSM Datasheet
47Kb / 4P
Hardened Copper to Fiber Media Converter - 10/100 Mbps, RJ45/SC Singlemode, -10° to 60°C, 30 km (18.6 mi.)
N785-H01-SCMM TRIPPLITE-N785-H01-SCMM Datasheet
46Kb / 4P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SC Multimode, -10° to 60°C, 500 m (1640 ft.)
N785-H01-SCSM TRIPPLITE-N785-H01-SCSM Datasheet
47Kb / 4P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SC Singlemode, -10° to 60°C, 10 km (6.2 mi.)
N785-H01-SFP-D TRIPPLITE-N785-H01-SFP-D Datasheet
47Kb / 3P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SFP, -10° to 60°C, DC Power
N785-H01-SFP TRIPPLITE-N785-H01-SFP Datasheet
47Kb / 4P
Hardened Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SFP, -10° to 60°C
N785-I01-SFP-D TRIPPLITE-N785-I01-SFP-D Datasheet
47Kb / 3P
Industrial Gigabit Fiber to Ethernet Media Converter, 10/100/1000 Mbps, RJ45/SFP, -40° to 75°C, DC Power
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com