Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A43L2632 Datasheet (PDF) - AMIC Technology

A43L2632 Datasheet PDF - AMIC Technology
Part # A43L2632
Download  A43L2632 Download
File Size   1055.53 Kbytes
Page   43 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1M X 32 Bit X 4 Banks Synchronous DRAM

A43L2632 Datasheet (PDF)

Go To PDF Page Download Datasheet
A43L2632 Datasheet PDF - AMIC Technology

Part # A43L2632
Download  A43L2632 Click to download

File Size   1055.53 Kbytes
Page   43 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1M X 32 Bit X 4 Banks Synchronous DRAM

A43L2632 Datasheet (HTML) - AMIC Technology


A43L2632 Product details

General Description
The A43L2632 is 67,108,864 bits Low Power synchronous high data rate Dynamic RAM organized as 4 X 1,048,576 words by 32 bits, fabricated with AMIC’s high performance CMOS technology. Synchronous design allows precise cycle control with the use of system clock. I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable latencies allows the same device to be useful for a variety of high bandwidth, high performance memory system applications.

Features
■ JEDEC standard 3.3V power supply
■ LVTTL compatible with multiplexed address
■ Four banks / Pulse RAS
■ MRS cycle with address key programs
   - CAS Latency (2,3)
   - Burst Length (1,2,4,8 & full page)
   - Burst Type (Sequential & Interleave)
■ All inputs are sampled at the positive going edge of the
   system clock
■ Deep Power Down Mode
■ Burst Read Single-bit Write operation
■ DQM for masking
■ Auto & self refresh
■ 64ms refresh period (4K cycle)
■ Self refresh with programmable refresh period through
   EMRS cycle
■ Programmable Power Reduction Feature by partial array
   activation during Self-refresh through EMRS cycle
■ 86 Pin TSOP (II)
■ operating temperature range: 0ºC to + 70ºC
■ Clock Frequency (max) : 166MHz @ CL=3 (-6)
   143MHz @ CL=3 (-7)




Similar Part No. - A43L2632

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L2632G-75I AMICC-A43L2632G-75I Datasheet
502Kb / 42P
1M X 16 Bit X 4 Banks Synchronous DRAM
A43L2632G-95I AMICC-A43L2632G-95I Datasheet
502Kb / 42P
1M X 16 Bit X 4 Banks Synchronous DRAM
A43L2632V-75I AMICC-A43L2632V-75I Datasheet
502Kb / 42P
1M X 16 Bit X 4 Banks Synchronous DRAM
A43L2632V-95I AMICC-A43L2632V-95I Datasheet
502Kb / 42P
1M X 16 Bit X 4 Banks Synchronous DRAM
More results


Similar Description - A43L2632

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
1M x 16 Bit x 4 Banks Synchronous DRAM
M12L128324A ESMT-M12L128324A Datasheet
786Kb / 47P
1M x 32 Bit x 4 Banks Synchronous DRAM
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
1M x 16 Bit x 4 Banks Synchronous DRAM
M12L128324A ESMT-M12L128324A_09 Datasheet
967Kb / 46P
1M x 32 Bit x 4 Banks Synchronous DRAM
M12L128324A ESMT-M12L128324A_1 Datasheet
797Kb / 49P
1M x 32 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
1M x 16 Bit x 4 Banks Synchronous DRAM
M12S128324A ESMT-M12S128324A Datasheet
746Kb / 46P
1M x 32 Bit x 4 Banks Synchronous DRAM
M52S128324A ESMT-M52S128324A Datasheet
755Kb / 47P
1M x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
1M X 16 Bit X 4 Banks Synchronous DRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com