Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS100R12W2T7_B11 Datasheet (PDF) - Infineon Technologies AG

FS100R12W2T7_B11 Datasheet PDF - Infineon Technologies AG
Part # FS100R12W2T7_B11
Download  FS100R12W2T7_B11 Download
File Size   4244.11 Kbytes
Page   34 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EiceDRIVER™ 1ED314xMU12F (1ED-X3 Compact)

FS100R12W2T7_B11 Datasheet (PDF)

Go To PDF Page Download Datasheet
FS100R12W2T7_B11 Datasheet PDF - Infineon Technologies AG

Part # FS100R12W2T7_B11
Download  FS100R12W2T7_B11 Click to download

File Size   4244.11 Kbytes
Page   34 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EiceDRIVER™ 1ED314xMU12F (1ED-X3 Compact)

FS100R12W2T7_B11 Datasheet (HTML) - Infineon Technologies AG


FS100R12W2T7_B11 Product details

Features
• Single-channel isolated gate driver
• For use with 600 V/650 V/1200 V/1700 V/2300 V IGBTs, Si and SiC MOSFETs
• Up to 6.5 A typical peak output current
• 45 ns propagation delay with 7 ns part-to-part matching (skew)
• 35 V absolute maximum output supply voltage
• High common-mode transient immunity CMTI > 300 kV/μs
• Separate source and sink outputs with active shutdown and short circuit clamping
• Galvanically isolated coreless transformer gate driver
• 3.3 V and 5 V input supply voltage
• Suitable for operation at high ambient temperature and in fast switching applications
• UL 1577 certification VISO = 3.0 kV (rms) for 1 min




Similar Part No. - FS100R12W2T7_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS100R12W2T7_B11 INFINEON-FS100R12W2T7_B11 Datasheet
743Kb / 11P
EasyPACK??Modul mit TRENCHSTOP??IGBT7 und Emitter Controlled 7 Diode und PressFIT / NTC
V2.1 2018-12-03
More results


Similar Description - FS100R12W2T7_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
6EDL04I06NC INFINEON-6EDL04I06NC Datasheet
742Kb / 25P
EiceDRIVER??Compact High voltage gate driver IC
Revision 2.5 20.04.2015
1ED31XXMC12H INFINEON-1ED31XXMC12H Datasheet
453Kb / 20P
EiceDRIVER??1ED31xxMC12H Compact
v2.0 2021-03-01
1ED31XXMU12H INFINEON-1ED31XXMU12H Datasheet
450Kb / 20P
EiceDRIVER??1ED31xxMU12H Compact
v2.1 2021-03-01
1ED312XMU12F INFINEON-1ED312XMU12F Datasheet
479Kb / 20P
EiceDRIVER??1ED312xMU12F Compact
v2.0 2021-02-23
1EDCXXI12AH INFINEON-1EDCXXI12AH Datasheet
516Kb / 18P
EiceDRIVER??1EDC Compact
v2.0 2017-07-17
1EDCXXI12MH INFINEON-1EDCXXI12MH Datasheet
517Kb / 19P
EiceDRIVER??1EDC Compact
v2.1 2017-09-04
1EDIXXI12AH INFINEON-1EDIXXI12AH Datasheet
525Kb / 17P
EiceDRIVER??1EDI Compact
Rev. 2.0 2016-07-05
1EDIXXI12MH INFINEON-1EDIXXI12MH Datasheet
513Kb / 18P
EiceDRIVER??1EDI Compact
v2.1 2017-09-04
1EDN751X INFINEON-1EDN751X Datasheet
1Mb / 28P
EiceDRIVER?
Rev. 2.2 2018-04-20
2EDN752X INFINEON-2EDN752X Datasheet
1Mb / 31P
EiceDRIVER?
Rev. 2.5 2018-04-20
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com