Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYPD7271 Datasheet (PDF) - Infineon Technologies AG

CYPD7271 Datasheet PDF - Infineon Technologies AG
Part # CYPD7271
Download  CYPD7271 Download
File Size   428.97 Kbytes
Page   48 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EZ-PD™ CCG7DC dual-port USB-C power delivery and DC-DC controller

CYPD7271 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYPD7271 Datasheet PDF - Infineon Technologies AG

Part # CYPD7271
Download  CYPD7271 Click to download

File Size   428.97 Kbytes
Page   48 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description EZ-PD™ CCG7DC dual-port USB-C power delivery and DC-DC controller

CYPD7271 Datasheet (HTML) - Infineon Technologies AG


CYPD7271 Product details

Features
• USB-PD
- Supports two USB-PD ports
- Supports latest USB-PD 3.0 version 2.0 including programmable power supply (PPS) mode
- Extended data messaging (EDM)
• Type-C
- Configurable resistors RP and RD
- VBUS NFET gate driver
- Integrated 100-mW VCONN power supply and control
• 2x buck-boost controller
- 150 kHz to 600 kHz switching frequency
- 5.5 V to 24 V input, 40 V tolerant
- 3.3 V to 21.5 V output
- 20-mV voltage and 50-mA current steps for PPS
- Supports selectable pulse skipping mode (PSM) and forced continuous conduction mode (FCCM)
- Supports soft start
- Programmable spread spectrum frequency modulation for low EMI
- Programmable phase shift across two ports to further reduce the EMI
• 2x legacy/proprietary charging blocks
- Supports QC4+, QC4.0, Samsung AFC, Apple 2.4A, and BC v1.2 charging protocols
• Integrated voltage (VBUS) regulation and current sense amplifier (CSA)
- Integrated shunt regulator function for VBUS control
- Constant current or constant voltage mode
- Supports current sensing for constant current control
• System-level fault protection
- On-chip VBUS, overvoltage protection (OVP), overcurrent protection (OCP), undervoltage protection (UVP)
- VBUS to CC short protection
- Under-voltage lockout (UVLO)
- Supports over-temperature protection through integrated ADC circuit and internal temperature sensor
- Supports connector and board temperature measurement using external thermistors
• 32-bit MCU subsystem
- 48-MHz Arm® Cortex®-M0 CPU
- 128-KB flash
- 16-KB SRAM
- 32-KB ROM
• Peripherals and GPIOs
- 19 GPIOs
- Two over-voltage GPIOs
- 3x 8-bit ADC
- 4x 16-bit timer/counter/PWMs (TCPWM)
• Communication interfaces
- 4x SCBs (I2
C/SPI/UART)
• Clocks and oscillators
- Integrated oscillator eliminating the need for an external clock
• Power supply
- 4 V to 24 V input (40-V tolerant)
- 3.3 V to 21.5 V output
- Integrated LDO capable of 5 V @ 150 mA
• Packages
- 68-pin QFN (8 mm  8 mm) package with –40 °C to +105 °C extended industrial temperature range Logic block diagram




Similar Part No. - CYPD7271

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYPD1120 CYPRESS-CYPD1120 Datasheet
672Kb / 24P
USB Power Delivery Alternate Mode Controller on Type-C
CYPD1120-35FNXIT CYPRESS-CYPD1120-35FNXIT Datasheet
672Kb / 24P
USB Power Delivery Alternate Mode Controller on Type-C
CYPD1120-40LQXI CYPRESS-CYPD1120-40LQXI Datasheet
672Kb / 24P
USB Power Delivery Alternate Mode Controller on Type-C
CYPD1120-40LQXIT CYPRESS-CYPD1120-40LQXIT Datasheet
672Kb / 24P
USB Power Delivery Alternate Mode Controller on Type-C
CYPD2103-14LHXIT CYPRESS-CYPD2103-14LHXIT Datasheet
2Mb / 33P
USB Type-C Port Controller
More results


Similar Description - CYPD7271

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
logo
Cypress Semiconductor
CCG1 CYPRESS-CCG1 Datasheet
552Kb / 31P
USB Type-C Port Controller with Power Delivery
logo
Rohm
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
USB Type-C Power Delivery Controller
logo
Texas Instruments
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
logo
Rohm
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
logo
ON Semiconductor
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
logo
Richtek Technology Corp...
RT1711P RICHTEK-RT1711P Datasheet
472Kb / 39P
USB PD Port and Power Controller
February 2017
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com