Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG93A Datasheet (PDF) - NXP Semiconductors

BFG93A Datasheet PDF - NXP Semiconductors
Part # BFG93A
Download  BFG93A Download
File Size   133.03 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 6 GHz wideband transistors

BFG93A Datasheet (PDF)

Go To PDF Page Download Datasheet
BFG93A Datasheet PDF - NXP Semiconductors

Part # BFG93A
Download  BFG93A Click to download

File Size   133.03 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description NPN 6 GHz wideband transistors

BFG93A Datasheet (HTML) - NXP Semiconductors


BFG93A Product details

DESCRIPTION

NPN transistor in a 4-pin, dual-emitter SOT143B plastic package.



FEATURES

• High power gain

• Low noise figure

• Gold metallization ensures

excellent reliability.



APPLICATIONS

Wideband applications in the UHF and microwave range.

 




Similar Part No. - BFG93A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFG93A VISHAY-BFG93A Datasheet
64Kb / 4P
Silicon NPN Planar RF Transistor
11-Nov-99
logo
NXP Semiconductors
BFG93A NXP-BFG93A Datasheet
286Kb / 13P
NPN 6 GHz wideband transistors
Rev. 05-26 November 2007
logo
Vishay Siliconix
BFG93A VISHAY-BFG93A Datasheet
103Kb / 4P
Silicon NPN Planar RF Transistor
08-Sep-08
logo
NXP Semiconductors
BFG93A NXP-BFG93A Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFG93A-X NXP-BFG93A-X Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - BFG93A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG94 PHILIPS-BFG94 Datasheet
100Kb / 13P
NPN 6 GHz wideband transistor
1998 Sep 23
BFQ270 PHILIPS-BFQ270 Datasheet
133Kb / 12P
NPN 6 GHz wideband transistor
September 1995
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BFG67 NXP-BFG67 Datasheet
287Kb / 14P
NPN 8 GHz wideband transistors
Rev. 05-23 November 2007
BFG93A NXP-BFG93A Datasheet
286Kb / 13P
NPN 6 GHz wideband transistors
Rev. 05-26 November 2007
BFG520W NXP-BFG520W Datasheet
304Kb / 15P
NPN 9 GHz wideband transistors
Rev. 04-21 November 2007
logo
Quanzhou Jinmei Electro...
BFG93A_2015 JMNIC-BFG93A_2015 Datasheet
116Kb / 16P
NPN 6 GHz wideband transistors
BFG93A JMNIC-BFG93A_15 Datasheet
116Kb / 16P
NPN 6 GHz wideband transistors
BFR93A JMNIC-BFR93A_15 Datasheet
101Kb / 12P
NPN 6 GHz wideband transistor
BFR93AR JMNIC-BFR93AR_15 Datasheet
95Kb / 13P
NPN 6 GHz wideband transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com