Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR1050 Datasheet (PDF) - IET Labs Inc.

SR1050 Datasheet PDF - IET Labs Inc.
Part # SR1050
Download  SR1050 Download
File Size   546.21 Kbytes
Page   1 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description High Accuracy Transfer Standard

SR1050 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR1050 Datasheet PDF - IET Labs Inc.

Part # SR1050
Download  SR1050 Click to download

File Size   546.21 Kbytes
Page   1 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description High Accuracy Transfer Standard

SR1050 Datasheet (HTML) - IET Labs Inc.


SR1050 Product details

Features:
• Resistance transfers from 100 kΩ to
110 MΩ
• 11 equal-value precision resistors
• Two available models with steps of
either 1 MΩ or 10 MΩ
• High transfer accuracy, better than 2 ppm
• May be used as a precision voltage
divider




Similar Part No. - SR1050

ManufacturerPart #DatasheetDescription
logo
Bytes
SR1050 BYTES-SR1050 Datasheet
161Kb / 2P
10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SR1050 CHENYI-SR1050 Datasheet
179Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SR1050 CHENYI-SR1050 Datasheet
170Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
SR1050 DCCOM-SR1050 Datasheet
433Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR1050 FORMOSA-SR1050 Datasheet
38Kb / 2P
10.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SR1050

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB354NT KINGBRIGHT-KB354NT Datasheet
150Kb / 7P
High current transfer ratio.
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
High-accuracy measurement
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
High accuracy detection
BUXXUC3WG ROHM-BUXXUC3WG Datasheet
1Mb / 26P
High accuracy detection
logo
Panasonic Semiconductor
MN103SD0 PANASONIC-MN103SD0 Datasheet
356Kb / 3P
Transfer mode: Word transfer. Burst transfer. Intermittent transfer
MN103SD3 PANASONIC-MN103SD3 Datasheet
337Kb / 3P
Transfer mode: Word transfer. Burst transfer. Intermittent transfer
MN103SE5 PANASONIC-MN103SE5 Datasheet
318Kb / 3P
Transfer mode: Word transfer. Burst transfer. Intermittent transfer
logo
IET Labs Inc.
SR1010 IET-SR1010 Datasheet
133Kb / 2P
Resistance Transfer Standard System
March 2020
SR1030 IET-SR1030 Datasheet
136Kb / 2P
Resistance Transfer Standard System
March 2020
SRR IET-SRR Datasheet
99Kb / 1P
High Accuracy Standard Resistance
October 9 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com