Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRAC Datasheet (PDF) - IET Labs Inc.

SRAC Datasheet PDF - IET Labs Inc.
Part # SRAC
Download  SRAC Download
File Size   178.07 Kbytes
Page   1 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description ac Standard Resistance Working Standards

SRAC Datasheet (PDF)

Go To PDF Page Download Datasheet
SRAC Datasheet PDF - IET Labs Inc.

Part # SRAC
Download  SRAC Click to download

File Size   178.07 Kbytes
Page   1 Pages
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.
Description ac Standard Resistance Working Standards

SRAC Datasheet (HTML) - IET Labs Inc.


SRAC Product details

Features:
• Very stable - <20 ppm/year
• Calibrated at dc and 1 kHz
• Excellent temperature coeffi cient - as
low as 1 ppm/°C
• < 20 ppm diff erence between dc and
ac values at 1 kHz for resistances ≤
100 kΩ
• Wide range of values - 1 mΩ to 10 MΩ
• bnc option (-bnc)
• Custom values are available
• Optional transit case




Similar Part No. - SRAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SRA KEMET-SRA Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Apex Electronics Co., L...
SRA APEX-ELECTRONICS-SRA Datasheet
605Kb / 5P
Miniature rocker switches,IP67
logo
List of Unclassifed Man...
SRA-01T-3.2 ETC2-SRA-01T-3.2 Datasheet
131Kb / 3P
RING TONGUE TERMINAL
logo
Ningbo songle relay co....
SRA-03VDC-AD SONGLERELAY-SRA-03VDC-AD Datasheet
3Mb / 2P
SUBMINATURE HIGH POWER RELAY
SRA-03VDC-AL SONGLERELAY-SRA-03VDC-AL Datasheet
3Mb / 2P
SUBMINATURE HIGH POWER RELAY
More results


Similar Description - SRAC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4C-1031 OMRON-XG4C-1031 Datasheet
1Mb / 22P
Industry Standard Circuit Board Connectors Conform to MIL Standards
logo
List of Unclassifed Man...
HN5-9-OV-A ETC2-HN5-9-OV-A Datasheet
374Kb / 7P
World-wide ac input ranges and safety standards
logo
IET Labs Inc.
SCA IET-SCA Datasheet
198Kb / 3P
Standard Capacitance Reference or Working Standards
Dec. 2022
SR1010 IET-SR1010 Datasheet
133Kb / 2P
Resistance Transfer Standard System
March 2020
SR102 IET-SR102 Datasheet
218Kb / 1P
Transportable Resistance Standards
Nov 2017
SR1030 IET-SR1030 Datasheet
136Kb / 2P
Resistance Transfer Standard System
March 2020
SRL IET-SRL Datasheet
384Kb / 1P
High-Accuracy, High-Stability Resistance Standards
Dec. 2022
SRR IET-SRR Datasheet
99Kb / 1P
High Accuracy Standard Resistance
October 9 2013
SRX IET-SRX Datasheet
288Kb / 2P
Standard Resistance Reference or Working Standards
Feb 2023
VRS-100 IET-VRS-100 Datasheet
213Kb / 2P
High Resistance Standards
April 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com